Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJU60C6TDPP-EJ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJU60C6TDPP-EJ
Description  Single Diode Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU60C6TDPP-EJ Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJU60C6TDPP-EJ Datasheet HTML 1Page - Renesas Technology Corp RJU60C6TDPP-EJ Datasheet HTML 2Page - Renesas Technology Corp RJU60C6TDPP-EJ Datasheet HTML 3Page - Renesas Technology Corp RJU60C6TDPP-EJ Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0387EJ0100 Rev.1.00
Page 1 of 3
Apr 26, 2011
Preliminary Datasheet
RJU60C6TDPP-EJ
Single Diode
Fast Recovery Diode
Features
• Fast reverse recovery time: t
rr = 100 ns typ. (at IF = 30 A, di/dt = −100 A/μs)
• Low forward voltage: V
F = 1.4 V typ. (at IF = 50 A)
• Low reverse current: I
R = 1 μA max. (at VR = 600 V)
Outline
1
2
1. Cathode
2. Anode
2
1
RENESAS Package code: PRSS0002ZA-A
(Package name: TO-220FP-2L)
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Maximum reverse voltage
VRM
600
V
Average rectified forward current
Io
30
A
Tc = 25
°C
IF
50
A
Continuous forward current
Tc = 100
°C
IF
25
A
Peak surge forward current
IFSM
140
A
Junction to case thermal resistance
θj-cd
5.2
°C /W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Forward Voltage
VF
1.4
2.0
V
IF = 50 A
Reverse current
IR
1
μA
VR = 600 V
Reverse Recovery Time
trr
100
ns
IF = 30 A, di/dt = −100 A/μs
R07DS0387EJ0100
Rev.1.00
Apr 26, 2011


Similar Part No. - RJU60C6TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Fast Recovery Diode
More results

Similar Description - RJU60C6TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C6SDPE RENESAS-RJU60C6SDPE_15 Datasheet
81Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE Datasheet
81Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPK-M0 RENESAS-RJU60C6SDPK-M0 Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ_15 Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C1SDPD RENESAS-RJU60C1SDPD Datasheet
80Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C3SDPD RENESAS-RJU60C3SDPD Datasheet
80Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C2SDPD RENESAS-RJU60C2SDPD_15 Datasheet
80Kb / 4P
   Single Diode Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com