Part Name
         Description
RJU60C6SDPE

 Single Diode Fast Recovery Diode ( 4 Page)


RENESAS
100% 
Zoom Out Zoom In
   
 2 page
background image
RJU60C6SDPE
Preliminary
R07DS0377EJ0100 Rev.1.00
Page 2 of 3
Apr 26, 2011
Main Characteristics
0.1
1
10
100
1000
di/dt (A/
μs)
Reverse Recovery Time vs. di/dt (Typical)
Reverse Voltage VR (V)
Capacitance vs. Reverse Voltage (Typical)
1
10
100
1000
f = 1 MHz
Tc = 25
°C
10
0.01
0.1
1
10 m
100 m
100
μ
10
1
Pulse Width PW (s)
Thermal Impedance vs. Pulse Width
1 m
Tc = 25
°C
Single pulse
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2.0
Ta = 150
°C
25
°C
Forward Voltage VF (V)
Forward Current vs. Forward Voltage (Typical)
0
80
160
40
120
200
40
80
120
160
200
0
IF = 30 A
Ta = 25
°C



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl