Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY60 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # CGY60
Description  GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY60 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  CGY60 Datasheet HTML 1Page - Siemens Semiconductor Group CGY60 Datasheet HTML 2Page - Siemens Semiconductor Group CGY60 Datasheet HTML 3Page - Siemens Semiconductor Group CGY60 Datasheet HTML 4Page - Siemens Semiconductor Group CGY60 Datasheet HTML 5Page - Siemens Semiconductor Group CGY60 Datasheet HTML 6Page - Siemens Semiconductor Group CGY60 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaAs MMIC
CGY 60
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/7
12.01.96
HL EH PD 21
Application Circuit for measuring S- and Noise-parameters
f = 200MHz to 2GHz
Ud
Input
50 Ohm
50 Ohm Microstripline
1nF
100p
*
100p
*
1
2
4
5
6
3
Output
50 Ohm
* Use 12 to15pF for DECT - or PCN - applications
900MHz Application (GSM)
ε
50 Ohm Microstripline
120 Ohm
L = discrete inductor 15nH, Type SIMID01, Ord.- No: B82412-A3150-M
Input
50 Ohm
Ud
L
1nF
27pF
l = 4.1 mm *
l = 6.8 mm *
l = 4.1 mm *
27pF
Open Stub
l = 5 mm *
Output
50 Ohm


Similar Part No. - CGY60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY62 SIEMENS-CGY62 Datasheet
25Kb / 5P
   GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)
More results

Similar Description - CGY60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY59 SIEMENS-CGY59 Datasheet
48Kb / 8P
   GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Siemens Semiconductor G...
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
logo
NXP Semiconductors
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
   Power amplifier controller for GSM and PCN systems
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com