Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP60V0DPM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJP60V0DPM
Description  600V - 22A - IGBT Application: Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP60V0DPM Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJP60V0DPM Datasheet HTML 1Page - Renesas Technology Corp RJP60V0DPM Datasheet HTML 2Page - Renesas Technology Corp RJP60V0DPM Datasheet HTML 3Page - Renesas Technology Corp RJP60V0DPM Datasheet HTML 4Page - Renesas Technology Corp RJP60V0DPM Datasheet HTML 5Page - Renesas Technology Corp RJP60V0DPM Datasheet HTML 6Page - Renesas Technology Corp RJP60V0DPM Datasheet HTML 7Page - Renesas Technology Corp RJP60V0DPM Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJP60V0DPM
Preliminary
R07DS0669EJ0100 Rev.1.00
Page 4 of 7
Feb 07, 2012
1
10
100
10000
1000
0100
50
150
200
250
300
Cies
Coes
Cres
Gate Charge Qg (nc)
Dynamic Input Characteristics (Typical)
Typical Capacitance vs.
Collector to Emitter Voltage
800
600
400
200
0
0
16
12
8
4
0
20
40
60
80
100
VGE
VCE
VGE = 0 V
f = 1 MHz
Ta = 25°C
Collector to Emitter Voltage VCE (V)
IC = 22 A
Ta = 25°C
Collector to Emitter Saturation Voltage
vs. Junction Temparature (Typical)
−25
0
25
75
125
50
100
150
Junction Temparature Tj (°C)
0
2
1
3
4
VGE = 15 V
Pulse Test
IC = 45 A
22 A
3 A
100
80
60
40
20
0
48
12
16
610
14
Typical Transfer Characteristics
Gate to Emitter Voltage VGE (V)
VCE = 10 V
Pulse Test
25°C
75°C
125
°C
Tc = –25
°C
VCC = 400 V
300 V
VCC = 400 V
300 V
0
6
4
2
8
10
Gate to Emitter Cutoff Voltage
vs. Junction Temparature (Typical)
−25
0
25
75
125
50
100
150
VCE = 10 V
Pulse Test
Junction Temparature Tj (°C)
1 mA
IC = 10 mA


Similar Part No. - RJP60V0DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80 Datasheet
112Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80T2 RENESAS-RJP60V0DPM-80T2 Datasheet
112Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80_15 Datasheet
108Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM_15 Datasheet
97Kb / 8P
   600V - 22A - IGBT Application: Inverter
More results

Similar Description - RJP60V0DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM_15 Datasheet
106Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80 Datasheet
112Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0_15 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80_15 Datasheet
108Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60D0DPQ-E0 RENESAS-RJH60D0DPQ-E0 Datasheet
111Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM_15 Datasheet
97Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK_15 Datasheet
106Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com