Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP60D0DPE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJP60D0DPE
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP60D0DPE Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJP60D0DPE Datasheet HTML 1Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 2Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 3Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 4Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 5Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 6Page - Renesas Technology Corp RJP60D0DPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJP60D0DPE
Preliminary
R07DS0172EJ0100 Rev.1.00
Page 4 of 6
Nov 15, 2010
1
10
100
Gate to Emitter Voltage VGE (V)
Collector Current IC (A)
(Inductive load)
1
100
10
1000
Switching Caracteristics (Typical) (1)
Switching Caracteristics (Typical) (2)
Collector Current IC (A)
(Inductive load)
0
4
2
6
8
0
4
812
20
16
0
4
2
6
8
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Ta = 25°C
Pulse Test
IC = 22 A
45 A
1
10
100
10
1000
100
10000
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Ta = 25°C
td(off)
td(on)
tf
tr
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Ta = 25°C
Eon
Eoff
0
4
812
20
16
Ta = 150°C
Pulse Test
IC = 22 A
45 A
Switching Caracteristics (Typical) (3)
Switching Caracteristics (Typical) (4)
10
100
1000
2
5
10
20
50
10
100
1000
Gate Registance Rg (
Ω)
(Inductive load)
Gate Registance Rg (
Ω)
(Inductive load)
VCC = 300 V, VGE = 15 V
IC = 22 A, Ta = 25°C
td(off)
td(on)
tf
tr
2
5
10
20
50
VCC = 300 V, VGE = 15 V
IC = 22 A, Ta = 25°C
Eoff
Eon


Similar Part No. - RJP60D0DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60D0DPE RENESAS-RJP60D0DPE_15 Datasheet
83Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJP60D0DPE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com