Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q68000-A8883 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q68000-A8883
Description  GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q68000-A8883 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q68000-A8883 Datasheet HTML 1Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 2Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 3Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 4Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 5Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 6Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 7Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 8Page - Siemens Semiconductor Group Q68000-A8883 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GaAs MMIC
CGY 181
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/14
01.02.96
HL EH PD 21
Functional block diagramm:
Short description of CGY181
operation:
A negative voltage between -4V to -6V
(stabilization not necessary) has to be
connected to the VG-pin, a positive
supply voltage has to be applied to the
VD-pins.
The VTR-pin has to switched to 0V
(GND) during transmit operation. The
MMIC CGY181 is self-biased, the
operating current is adjusted by the
internal control circuit.
In receive mode the VTR-pin is not
connected (shut off mode).
Pin #
Configuration
1
VG
Negative voltage at control circuit (-4V...-8V)
2
VTR
Control voltage for transmit mode (0V) or receive mode (open)
3,4,5,10
GND 2
RF and DC ground of the 2nd stage
6,9
GND 1
RF and DC ground of the 1st stage
7
VD1
Positive drain voltage of the 1st stage
8
RFin
RF input power
11
VD2,RFout
Positive drain voltage of the 2nd stage, RF output power
12
-
not connected
DC characteristics
Characteristics
Symbol Conditions
min
typ
max
Unit
Drain current
stage 1
IDSS1
VD=3V, VG=0V, VTR n.c.
0.6
0.9
1.2
A
stage 2
IDSS2
2.4
3.5
4.8
A
Drain current with
active current control
ID
VD=3V, VG=-4V, VTR=0V
1.0
A
Transconductance
gfs1
VD=3V, ID=350mA
0.28
0.32
-
S
(stage 1 and 2)
gfs2
VD=3V, ID=700mA
1.1
1.3
-
S
Pinch off voltage
Vp
VD=3V, ID<500
µA
(all stages)
-3.8
-2.8
-1.8
V
Pin (8)
Pout (11)
GND1 (6,9)
GND2
VD1 (7)
VD2 (11)
VG (1)
Control
Circuit
VTR (2)
(3, 4, 5, 10)


Similar Part No. - Q68000-A8883

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q68000-A8882 SIEMENS-Q68000-A8882 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
Q68000-A8884 SIEMENS-Q68000-A8884 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
Q68000-A8887 SIEMENS-Q68000-A8887 Datasheet
48Kb / 8P
   GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
More results

Similar Description - Q68000-A8883

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
   PCS 2 Watt Linear GaAs MMIC Power Amplifier
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY184 SIEMENS-CGY184 Datasheet
141Kb / 14P
   GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
logo
Motorola, Inc
MRFIC1870 MOTOROLA-MRFIC1870 Datasheet
265Kb / 4P
   3.2 V DCS/PCS GaAs Integrated Power Amplifier
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
   Power GaAs MMIC Amplifier 2-6.5GHz
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
   POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
   Power Amplifier Applications Driver Stage Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com