Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q-62702-G66 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. Q-62702-G66
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 2 page
background image
CGY 121 A
Siemens Aktiengesellschaft
2
23.06.98
HL HF PE GaAs1
Functional block diagram:
Pin #
Name
Configuration
1
VD2 /
Pout
Drain voltage 2nd stage / RF-0utput
2
RF-Gnd
3
VD1
Drain voltage 1st stage
4
VG / Pin
Negative voltage at current control circuit (-4V) / RF-Input
5
RF-Gnd
6
Vcontrol
Positive voltage for gain control (0V....3V)
Pin / -VG(4)
Pout (1)
Vcon (6)
GND (2, 5)
VD1 (3)
VD2 (1)
Control
Circuit
Semiconductor Group
2
1998-11-01
Semiconductor Group
2
1998-11-01




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8119TVARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CMY91GaAs MMIC GaAs mixer with integrated IF-amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY92GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier 1 2 3 4 5 MoreSiemens Semiconductor Group
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
FMM1103VJThe FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl