Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q-62702-G66 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. Q-62702-G66
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 1 page
background image
CGY 121 A
Siemens Aktiengesellschaft
1
23.06.98
HL HF PE GaAs1
GaAs MMIC
Preliminary Datasheet
l
Variable gain amplifier
(MMIC-Amplifier) for mobile communication
l
Typical Gain Control range over 50dB
l
Positive Control Voltage
l
50
Ω input and output matched
l
Low power consumption
l
Operating voltage range: 2.7 to 6 V
l
Frequency range 800 MHz ... 2.5 GHz
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering code
(taped)
Package
1)
CGY 121 A
Y9S
Q-62702-G66
MW-6
Maximum ratings
Characteristics
Symbol
max. Value
Unit
Drain voltage
VD
8V
Neg. supply voltage
VG
-8
V
Pos. control voltage
Vcon
4V
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-55...+150
°C
Total power dissipation (TS < 81°C) 2)
Ptot
550
mW
Thermal resistance
Characteristics
Symbol
max. Value
Unit
Channel-soldering point (GND)
RthChS
125
K/W
1) Dimensions see page 9.
2) Please care for sufficient heat dissipation on the pcb!
*) Pin-out changed compared to CGY120: 180° rotation
6
5
4
3
2
1
Vd1
RF-GND
RF-in; -Vg
RF-GND
Vd2; RF-out
Vcontrol
Semiconductor Group
1
1998-11-01
Semiconductor Group
1
1998-11-01




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8119TVARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CMY91GaAs MMIC GaAs mixer with integrated IF-amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY92GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier 1 2 3 4 5 MoreSiemens Semiconductor Group
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
FMM1103VJThe FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl