Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q-62702-G66 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part No. Q-62702-G66
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 7 page
background image
CGY 121 A
Siemens Aktiengesellschaft
7
23.06.98
HL HF PE GaAs1
Gain vs. Vcontrol
Operating Conditions : Vd=3V, Vg=-4V, f = 1.9GHz, Pin=-10dBm
Total Power Dissipation Ptot = f(Ts)
-40
-30
-20
-10
0
10
20
30
00,5
11,522,5
33,5
Vcontrol [V]
Gain [dB] -20° C
Gain [dB] +25° C
Gain [dB] +70° C
Ptotmax in mW
81°C
0
100
200
300
400
500
600
700
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Soldering Point Temperature Ts in °C
P
totmax
Semiconductor Group
7
1998-11-01
Semiconductor Group
7
1998-11-01




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8119TVARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CMY91GaAs MMIC GaAs mixer with integrated IF-amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY92GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier 1 2 3 4 5 MoreSiemens Semiconductor Group
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
FMM1103VJThe FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl