Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q-62702-G66 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. Q-62702-G66
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 5 page
background image
CGY 121 A
Siemens Aktiengesellschaft
5
23.06.98
HL HF PE GaAs1
Parts List
Frequency
900 MHz
C1, C2 (Siemens Size 0603)
22 pF
0603
C3, C4 (Siemens Size 0603)
100 nF
0603
C5 (Siemens Size 0603)
47 nF
0603
L1 (Coilcraft 0805CS-150XKBC)
15 nH
0805
L2 (Coilcraft 0805CS-270XMBC)
27 nH
0805
R1 (Siemens B 54102-A1271-J60)
270 Ohm
0805
R2 (Siemens B 54102-A1120-J60)
12 Ohm
0805
R3
6.8 Ohm
0805
Application Circuit
f = 1900 MHz
CGY121
Input
50 Ohm
Output
50 Ohm
Vg
GND
Vcontrol
Vd
C4
R3
C1
C2
2,5
4
1
6
3
C5
R1
R2
C3
L1
C6
Semiconductor Group
5
1998-11-01
Semiconductor Group
5
1998-11-01




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CGY121BGaAs MMIC Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY120GaAs MMIC Monolithic microwave IC MMIC-Amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
UPC8119TVARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
CGY59GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY60GaAs MMIC Low noise preamplifier for mobile communication PCN DECT GSM in 2.7V to 6V systems 1 2 3 4 5 MoreSiemens Semiconductor Group
CMY91GaAs MMIC GaAs mixer with integrated IF-amplifier for mobile communication 1 2 3 4 5 MoreSiemens Semiconductor Group
CGY92GaAs MMIC Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier 1 2 3 4 5 MoreSiemens Semiconductor Group
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
FMM1103VJThe FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl