Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D6DPK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60D6DPK
Description  Silicon N Channel IGBT Application: Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D6DPK Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60D6DPK_10 Datasheet HTML 1Page - Renesas Technology Corp RJH60D6DPK_10 Datasheet HTML 2Page - Renesas Technology Corp RJH60D6DPK_10 Datasheet HTML 3Page - Renesas Technology Corp RJH60D6DPK_10 Datasheet HTML 4Page - Renesas Technology Corp RJH60D6DPK_10 Datasheet HTML 5Page - Renesas Technology Corp RJH60D6DPK_10 Datasheet HTML 6Page - Renesas Technology Corp RJH60D6DPK_10 Datasheet HTML 7Page - Renesas Technology Corp RJH60D6DPK_10 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RJH60D6DPK
Preliminary
R07DS0164EJ0300 Rev.3.00
Page 2 of 7
Nov 16, 2010
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
/ Diode reverse current
ICES / IR
5
A
VCE = 600 V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4.0
6.0
V
VCE = 10 V, IC = 1 mA
VCE(sat)
1.6
2.2
V
IC = 40 A, VGE = 15 V
Note3
Collector to emitter saturation voltage
VCE(sat)
1.8
V
IC = 80 A, VGE = 15 V
Note3
Input capacitance
Cies
2500
pF
Output capacitance
Coes
140
pF
Reveres transfer capacitance
Cres
80
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Total gate charge
Qg
104
nC
Gate to emitter charge
Qge
15
nC
Gate to collector charge
Qgc
45
nC
VGE = 15 V
VCE = 300 V
IC = 40 A
td(on)
55
ns
tr
40
ns
td(off)
150
ns
Switching time
tf
50
ns
VCC = 300 V, VGE = 15 V
IC = 40 A
Rg = 5

(Inductive load)
Short circuit withstand time
tsc
3.0
5.0
s
VCC  360 V, VGE = 15 V
FRD Forward voltage
VF
1.4
1.9
V
IF = 30 A
Note3
FRD reverse recovery time
trr
100
ns
IF = 30 A
diF/dt = 100 A/s
Notes: 3. Pulse test.


Similar Part No. - RJH60D6DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D6DPK RENESAS-RJH60D6DPK_15 Datasheet
107Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results

Similar Description - RJH60D6DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0 Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com