Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5631ACDBG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F5631ACDBG
Description  Renesas MCUs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ACDBG Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F5631ACDBG Datasheet HTML 1Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 2Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 3Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 4Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 5Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 6Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 7Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 8Page - Renesas Technology Corp R5F5631ACDBG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
RX63N Group, RX631 Group
Renesas MCUs
Preliminary
Specifications in this document are tentative and subject to change.
R01DS0098EJ0090 Rev.0.90
Page 1 of 106
Dec 27, 2011
Features
RX63N Group products incorporate an Ethernet controller while
RX631 Group products do not.
■ 32-bit RX CPU core
 Max. operating frequency: 100 MHz
 Capable of 165 DMIPS in operation at 100 MHz
 Single precision 32-bit IEEE-754 floating point
 Two types of multiply-and-accumulation unit (between memories and
between registers)
 32-bit multiplier (fastest instruction execution takes one CPU clock cycle)
 Divider (fastest instruction execution takes two CPU clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions: Ultra-compact code
 Supports the memory protection unit (MPU)
 JTAG and FINE (two-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 3.6-V supply
 Low power consumption: A product that supports all peripheral functions
draws only 500 μA/MHz.
 RTC is capable of operation from a dedicated power supply (min. operating
voltage: 2 V).
 Four low-power modes
■ On-chip main flash memory, no wait states
 Supports ROM-less versions and versions with up to 2 Mbytes of ROM
(ROM-less version: RX631 Group only)
 100-MHz operation, 10-ns read cycle (no wait states)
 384-Kbyte to 2-Mbyte capacities
 User code programmable via the USB, SCI, or JTAG
■ On-chip data flash memory
 ROM-less or 32 Kbytes of ROM (reprogrammable up to 100,000 times)
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM, no wait states
 32- to 128-Kbyte capacities
 For instructions and operands
 Can provide backup on deep software standby
■ DMA
 DMAC: Four channels
 DTC
 EXDMAC: Two channels
 Dedicated DMAC for the Ethernet controller: Single channel
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External crystal oscillator or internal PLL for operation at 4 to 16 MHz
 Internal 125-kHz LOCO and 50-MHz HOCO
 Dedicated 125-kHz LOCO for the IWDT
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Time capture function
(for capturing times in response to event-signal input on external pins)
■ Independent watchdog timer
 125-kHz LOCO clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, frequency measurement, CRC, IWDT, self-
diagnostic function for the A/D converter, etc.
■ Various communications interfaces
 Ethernet MAC (1) (not in RX631 Group products)
 Host/function or OTG controller (1) and function controller (1) with full-
speed USB 2.0 transfer
 CAN (compliant with ISO11898-1), incorporating 32 mailboxes (up to 3
modules)
 SCI with multiple functionalities (up to 13)
 Choose from among asynchronous mode, clock-synchronous mode, smart-
card interface mode, simplified SPI, simplified I2C, and extended serial
mode.
I2C bus interface for transfer at up to 1 Mbps (up to 4)
 RSPI for high-speed transfer (up to 3)
■ External address space
 Buses for high-speed data transfer (max. operating frequency of 50 MHz)
 8 CS areas (8 × 16 Mbytes)
 Multiplexed address data or separate address lines are selectable per area.
 8-, 16-, or 32-bit bus space is selectable per area
 Independent SDRAM area (128 Mbytes)
■ Up to 20 extended-function timers
 16-bit MTU2: input capture, output compare, PWM waveform output,
phase-counting mode (6 channels)
 16-bit TPU: input capture, output compare, phase-counting mode (12
channels)
 8-bit TMR (4 channels)
 16-bit compare-match timers (4 channels)
■ A/D converter for 1-MHz Operation
 Up to 21 12-bit channels, and incorporating 1 sample-and-hold circuit
Up to 8 10-bit channels, and incorporating 1 sample-and-hold circuit
 Addition of results of A/D conversion (in the 12-bit converter)
 Self diagnosis (for the 10-bit converter)
■ 10-bit D/A converter: 2 channels
■ Temperature sensor for measuring temperature within
the chip
■ Register write protection can protect values in
important registers against overwriting.
■ Up to 134 pins for GPIO
 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating temp. range
 –40°C to +85°C
PLQP0176KB-A 24 × 24 mm, 0.5-mm pitch
PLQP0144KA-A 20 × 20mm, 0.5-mm pitch
PLQP0100KB-A 14 × 14mm, 0.5-mm pitch
PTLG0177KA-A 8 × 8 mm, 0.5-mm pitch
PTLG0145KA-A 7 × 7mm, 0.5-mm pitch
PTLG0100KA-A 5.5 × 5.5mm, 0.5-mm pitch
PLBG0176GA-A 13 × 13mm, 0.8-mm pitch
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS, up to 2-MB flash
memory, Ethernet MAC, full-speed USB 2.0 host/function/OTG interface,
various communications interfaces including CAN, 10- & 12-bit A/D
converters, RTC
R01DS0098EJ0090
Rev.0.90
Dec 27, 2011
Features


Similar Part No. - R5F5631ACDBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDFP RENESAS-R5F56307CDFP Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDLA RENESAS-R5F56307CDLA Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFN RENESAS-R5F56307DDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFP RENESAS-R5F56307DDFP Datasheet
1Mb / 165P
   Renesas MCUs
More results

Similar Description - R5F5631ACDBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com