Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702G0077 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702G0077
Description  GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702G0077 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702G0077 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702G0077 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702G0077 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702G0077 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CGY 0918
Siemens Aktiengesellschaft
3
23.07.98
HL HF PE GaAs
Electrical characteristics
GSM900-Mode
(TA = 25°C, VD=3.5V, Vneg=-5V, Vcontrol=2.5V; duty cycle 12.5%, ton=577µsec)
Characteristics
Symbol
min
typ
max
Unit
Frequency range
f
880
-
915
MHz
Supply current
Pin=10dBm
ID
-1.6
-
A
Supply current neg. voltage gener
Vaux=3.5V
IAUX
-10
-
mA
Gain (small signal)
G
-30
-
dB
Power gain
Pin=10dBm
GP
-25
-
dB
Output Power
Pin=10dBm
POUT
-35
-
dBm
Overall Power added Efficiency
Pin=10dBm
η
-55
-
%
Dynamic range output power
Vcontrol = 0.2...2.5V
-50
-
dB
PCN(DCS1800)-Mode
(TA = 25°C, VD=3.5V, Vneg=-5V, Vcontrol=2.5V; duty cycle 12.5%, ton=577µsec)
Characteristics
Symbol
min
typ
max
Unit
Frequency range
f
1710
-
1785
MHz
Supply current
Pin=10dBm
ID
-1.4
-
A
Supply current neg. voltage gener.
Vaux=3.5V
IAUX
-10
-
mA
Gain (small signal)
G
-28
-
dB
Power gain
Pin=10dBm
GP
-24
-
dB
Output Power
Pin=10dBm
POUT
-34
-
dBm
Overall Power added Efficiency
Pin=10dBm
η
-45
-
%
Dynamic range output power
Vcontrol = 0.2...2.5V
-55
-
dB
Semiconductor Group
3
1998-11-01


Similar Part No. - Q62702G0077

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702G0076 SIEMENS-Q62702G0076 Datasheet
304Kb / 18P
   GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation)
More results

Similar Description - Q62702G0077

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY184 SIEMENS-CGY184 Datasheet
141Kb / 14P
   GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
NXP Semiconductors
PCF5079 PHILIPS-PCF5079 Datasheet
146Kb / 28P
   Dual-band power amplifier controller for GSM, PCN and DCS
2001 Nov 21
logo
Freescale Semiconductor...
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
   Tri-Band GSM GPRS 3.5 V Power Amplifier
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
   Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
Ericsson
PBL40310 ERICSSON-PBL40310 Datasheet
64Kb / 4P
   3.5 V GSM 900 MHz Power Amplifier
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Siemens Semiconductor G...
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com