Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630BCDLC Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F5630BCDLC
Description  Renesas MCUs
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDLC Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F5630BCDLC Datasheet HTML 1Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 2Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 3Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 4Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 5Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 6Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 7Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 8Page - Renesas Technology Corp R5F5630BCDLC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 2 of 168
Sep 13, 2011
RX630 Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 lists the functions of products.
Table 1.1 shows the outline of maximum specifications, and the number of peripheral module channels differs
depending on the pin number on the package and the on-chip ROM capacity. For details, see Table 1.2, Functions of
RX630 Group Products.
Table 1.1
Outline of Specifications (1/5)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 100 MHz
 32-bit RX CPU
 Minimum instruction execution time: One instruction per state (cycle of the system
clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Nine 32-bit registers
Accumulator: One 64-bit register
 Basic instructions: 73
 Floating-point operation instructions: 8
 DSP instructions: 9
 Addressing modes: 10
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32  64 bits
 On-chip divider: 32 / 32  32 bits
 Barrel shifter: 32 bits
FPU
 Single precision floating point (32 bits)
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
ROM
 ROM capacity: 2 Mbytes max.
 Two on-board programming modes
Boot mode (The user area is programmable via the SCI and USB.)
User program mode
 Parallel programmer mode (for off-board programming)
RAM
RAM capacity: 128 Kbytes
E2 data flash
Data ROM capacity: 32 Kbytes
MCU operating modes
Single-chip mode, on-chip ROM enabled expansion mode, and on-chip ROM disabled
expansion mode (software switching)
Clock
Clock generation circuit
 Main clock oscillator, sub-clock oscillator, low-speed/high-speed on-chip oscillator, PLL
frequency synthesizer, and dedicated on-chip oscillator for the IWDT
 Main-clock oscillation stop detection
 Separate frequency-division and multiplication settings for the system clock (ICLK),
peripheral module clock (PCLK), and external bus clock (BCLK)
The CPU and other bus masters run in synchronization with the system clock (ICLK):
Up to 100 MHz
Peripheral modules run in synchronization with the peripheral module clock (PCLK):
Up to 50 MHz
Devices connected to the external bus run in synchronization with the external bus
clock (BCLK): Up to 50 MHz
Reset
Pin reset, power-on reset, voltage-monitoring reset, independent watchdog timer reset,
watchdog timer reset, deep software standby reset, and software reset
Voltage detection circuit
When the voltage on VCC passes the voltage detection level (Vdet), an internal reset or
internal interrupt is generated.
Low power
consumption
Low power
consumption facilities
 Module stop function
 Four low power consumption modes
Sleep mode, all-module clock stop mode, software standby mode, and deep software
standby mode
 Battery backup function


Similar Part No. - R5F5630BCDLC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5631ACDBG RENESAS-R5F5631ACDBG Datasheet
840Kb / 108P
   Renesas MCUs
R5F5631ACDFB RENESAS-R5F5631ACDFB Datasheet
840Kb / 108P
   Renesas MCUs
R5F5631ACDFC RENESAS-R5F5631ACDFC Datasheet
840Kb / 108P
   Renesas MCUs
R5F5631ACDFP RENESAS-R5F5631ACDFP Datasheet
840Kb / 108P
   Renesas MCUs
R5F5631ACDLC RENESAS-R5F5631ACDLC Datasheet
840Kb / 108P
   Renesas MCUs
More results

Similar Description - R5F5630BCDLC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com