Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67126-C2001 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67126-C2001
Description  8-Bit CMOS Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67126-C2001 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67126-C2001 Datasheet HTML 6Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 7Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 8Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 9Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 10Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 11Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 12Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 13Page - Siemens Semiconductor Group Q67126-C2001 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
Semiconductor Group
10
1997-10-01
C540U
C541U
P2.0 - P2.7
24 - 31
28 - 35
I/O
Port 2
is an 8-bit quasi-bidirectional I/O port with internal
pullup resistors. Port 2 pins that have 1's written to
them are pulled high by the internal pullup resistors,
and in that state can be used as inputs. As inputs,
port 2 pins being externally pulled low will source
current (I IL, in the DC characteristics) because of
the internal pullup resistors.
Port 2 emits the high-order address byte during
fetches from external program memory and during
accesses to external data memory that use 16-bit
addresses (MOVX @DPTR). In this application it
uses strong internal pullup resistors when issuing
1's. During accesses to external data memory that
use 8-bit addresses (MOVX @Ri), port 2 issues the
contents of the P2 special function register.
PSEN
32
38
O
The Program Store Enable
output is a control signal that enables the external
program memory to the bus during external fetch
operations. It is activated every six oscillator
periods except during external data memory
accesses. The signal remains high during internal
program execution.
ALE
33
39
O
The Address Latch enable
output is used for latching the address into external
memory during normal operation. It is activated
every six oscillator periods except during an
external data memory access.
EA
35
42
I
External Access Enable
When held high, the C540U/C541U executes
instructions from the internal ROM as long as the
PC is less than 1000H for the C540U or less than
2000H for the C541U. When held low, the C540U/
C541U fetches all instructions from external
program memory. For the C540U-L/C541U-L this
pin must be tied low.
*) I = Input
O = Output
Table 2
Pin Definitions and Functions
(cont’d)
Symbol
Pin Numbers
I/O*) Function
P-LCC-44
P-SDIP-52


Similar Part No. - Q67126-C2001

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67120-C0508 SIEMENS-Q67120-C0508 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0509 SIEMENS-Q67120-C0509 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0510 SIEMENS-Q67120-C0510 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0562 SIEMENS-Q67120-C0562 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0581 SIEMENS-Q67120-C0581 Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - Q67126-C2001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com