Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-F106 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62703-F106
Description  GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-F106 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62703-F106 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-F106 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-F106 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-F106 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-F106 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-F106 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CFY 25
Semiconductor Group
5
Minimum noise figure Fmin = f (f)
Associated gain Ga = f (f)
ID = 15 mA, VDS = 3 V, ZSopt
Minimum noise figure Fmin = f (ID)
Associated gain Ga = f (ID)
VDS = 3 V, f = 12 GHz, ZSopt


Similar Part No. - Q62703-F106

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-F97 SIEMENS-Q62703-F97 Datasheet
46Kb / 6P
   GaAs FET (Low noise Fmin = 1.4 dB @ 4 GHz High gain 11.5 dB typ. @ 4 GHz)
More results

Similar Description - Q62703-F106

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
logo
Infineon Technologies A...
CFH77 INFINEON-CFH77 Datasheet
50Kb / 5P
   GaAs HEMT For low noise front end amplifiers up to 20 GHz
03.00
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Siemens Semiconductor G...
CFY77 SIEMENS-CFY77 Datasheet
27Kb / 4P
   AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
logo
Excelics Semiconductor,...
EPB025A EXCELICS-EPB025A Datasheet
26Kb / 2P
   Low Noise High Gain Heterojunction FET
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
   Low Noise High Gain Heterojunction FET
logo
List of Unclassifed Man...
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
   Low Noise High Gain Heterojunction FET
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302_97 Datasheet
361Kb / 6P
   LOW NOISE GaAs FET
logo
Mitsumi Electronics, Co...
MGF1402B MITSUMI-MGF1402B Datasheet
141Kb / 5P
   LOW NOISE GaAs FET
logo
Mitsubishi Electric Sem...
MGF1303B MITSUBISHI-MGF1303B Datasheet
175Kb / 4P
   LOW NOISE GaAs FET?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com