Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-F1393 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-F1393
Description  GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1393 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-F1393 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1393 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1393 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1393 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs FET
CFY 35
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/4
13.02.1996
HL EH PD 21
Electrical characteristics at
TA = 25°C, unless otherwise specified
Characteristics
Symbol
min
typ
max
Unit
Drain-source saturation current
V
DS
= 2.5 V,
V
GS
= 0 V
I
DSS
10
25
45
mA
Pinch-off voltage
V
DS
= 2.5 V
I
D
= 1 mA
V
GS(P)
-0.2
-1.2
-2.5
V
Transconductance
V
DS
= 2.5 V
I
D
= 10 mA
g
m
20
30
-
mS
Gate leakage current
V
DS
= 2.5 V
I
D
= 10 mA
I
G
-
0.1
2
µA
Noise figure
V
DS
= 2.5 V
I
D
= 10 mA
f = 12 GHz
CFY 35-20
CFY 35-23
F
-
-
1.9
2.2
2.0
2.3
dB
Associated gain
V
DS
= 2.5 V
I
D
= 10 mA
f = 12 GHz
G
a
8
8.5
-
dB
Typical Common Source Noise Parameters
I
D
= 10 mA
V
DS
= 2.5 V
Z
0
= 50
fFmin
Ga
Γ
opt
Rn
rn
NF50Ω
G(F
50 )
GHz
dB
dB
MAG
ANG
Ω−
-dB
dB
2
0.60
17.6
0.82
32
35
0.7
0.08
2.35
12.9
4
0.83
14.2
0.73
65
25
0.5
0.11
2.30
11.2
6
1.10
11.8
0.65
105
14
0.28
0.14
2.35
9.5
8
1.38
10.5
0.60
146
5.5
0.11
0.19
2.55
7.8
10
1.64
9.4
0.58
-177
3
0.06
0.22
2.80
6.5
12
1.90
8.5
0.61
-139
10
0.2
0.28
3.50
4.9
14
2.15
7.9
0.62
-110
26
0.52
0.33
3.95
3.8


Similar Part No. - Q62702-F1393

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1391 SIEMENS-Q62702-F1391 Datasheet
51Kb / 6P
   GaAs MMIC (Biased Dual Gate GaAs FET)
Q62702-F1396 SIEMENS-Q62702-F1396 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
More results

Similar Description - Q62702-F1393

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY77 SIEMENS-CFY77 Datasheet
27Kb / 4P
   AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
CFY25 SIEMENS-CFY25 Datasheet
158Kb / 6P
   GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
CFH77 INFINEON-CFH77 Datasheet
50Kb / 5P
   GaAs HEMT For low noise front end amplifiers up to 20 GHz
03.00
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302_97 Datasheet
361Kb / 6P
   LOW NOISE GaAs FET
logo
Mitsumi Electronics, Co...
MGF1402B MITSUMI-MGF1402B Datasheet
141Kb / 5P
   LOW NOISE GaAs FET
logo
Mitsubishi Electric Sem...
MGF1303B MITSUBISHI-MGF1303B Datasheet
175Kb / 4P
   LOW NOISE GaAs FET?
MGF1302 MITSUBISHI-MGF1302 Datasheet
211Kb / 5P
   LOW NOISE GaAs FET
MGF1403B MITSUBISHI-MGF1403B Datasheet
166Kb / 4P
   LOW NOISE GaAs FET?
MGF1403B MITSUBISHI-MGF1403B_1 Datasheet
317Kb / 5P
   LOW NOISE GaAs FET?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com