Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F563NDDDLK Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F563NDDDLK
Description  Renesas MCUs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NDDDLK Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F563NDDDLK Datasheet HTML 1Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 2Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 3Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 4Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 5Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 6Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 7Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 8Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 5 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Communication
function
Ethernet controller
(ETHERC)
 Input and output of Ethernet/IEEE 802.3 frames
 Transfer at 10 or 100 Mbps
 Full- and half-duplex modes
 MII (Media Independent Interface) or RMII (Reduced Media Independent Interface) as
defined in IEEE 802.3u
 Detection of Magic PacketsTM*1 or output of a "wake-on-LAN" signal (WOL)
 Compliance with flow control as defined in IEEE 802.3x standards
Note 1. Magic PacketTM is a registered trademark of Advanced Micro Devices, Inc.
DMA controller for
Ethernet controller
(EDMAC)
 Alleviation of CPU loads by the descriptor control method
 Transmission FIFO: 2 Kbytes; Reception FIFO: 2 Kbytes
USB 2.0 host/function
module (USBa)
 Includes a UDC (USB Device Controller) and transceiver for USB 2.0
 Host/function module: one port, function module: one port
 Compliance with the USB 2.0 specification
 Transfer rate: Full speed (12 Mbps)
 Self-power mode and bus power are selectable
 OTG (On the Go) operation is possible
 Incorporates 2 Kbytes of RAM as a transfer buffer
Serial communications
interfaces (SCIc, SCId)
 13 channels (SCIc: 12 channels + SCId: 1 channel)
 SCIc
Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Simple I2C
Simple SPI
 SCId (The following functions are added to SCIc)
Supports the serial communications protocol, which contains the start frame and
information frame
Supports the LIN format
I2C bus interfaces
(RIIC)
 4 channels (one of them is FM+)
 Communication formats
I2C bus format/SMBus format
Supports the multi-master
Max. transfer rate: 1 Mbps (channel 0)
IEBus (IEB)
 1 channel
 Supports protocol control for the IEBus
Half-duplex asynchronous transfer
Multi-master operation
Broadcast communications function
Two selectable modes, differentiated by transfer rate
Note: • IEBus (Inter Equipment Bus) is a registered trademark of Renesas Electronics
Corporation.
CAN module (CAN)
 3 channels
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 32 mailboxes each
Serial peripheral
interfaces (SPI)
 3 channels
 RSPI transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select),
and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four
lines) or clock-synchronous operation (three lines)
Capable of handling serial transfer as a master or slave
 Data formats
Switching between MSB first and LSB first
The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or to 20, 24, or 32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
 Buffered structure
 Double buffers for both transmission and reception
Table 1.1
Outline of Specifications (4/5)
Classification
Module/Function
Description


Similar Part No. - R5F563NDDDLK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDFP RENESAS-R5F56307CDFP Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDLA RENESAS-R5F56307CDLA Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFN RENESAS-R5F56307DDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFP RENESAS-R5F56307DDFP Datasheet
1Mb / 165P
   Renesas MCUs
More results

Similar Description - R5F563NDDDLK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com