Electronic Components Datasheet Search |
|
R5F52106ADFG Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
R5F52106ADFG Datasheet(HTML) 11 Page - Renesas Technology Corp |
11 / 146 page R01DS0041EJ0090 Rev.0.90 Page 11 of 144 Aug 10, 2011 RX210 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. Serial communications interface (SCId) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for the clock signal RXD12 Input Input pin for received data TXD12 Output Output pin for transmitted data CTS12# Input Input pin for controlling the start of transmission and reception RTS12# Output Output pin for controlling the start of transmission and reception Simple I2C mode SSCL12 I/O Input/output pin for the I2C clock SSDA12 I/O Input/output pin for the I2C data Simple SPI mode SCK12 I/O Input/output pin for the clock SMISO12 I/O Input/output pin for slave transmit data SMOSI12 I/O Input/output pin for master transmit data SS12# Input Chip-select input pin Extended serial mode RXDX12 Input Input pin for data reception by SCId TXDX12 Output Output pin for data transmission by SCId SIOX12 I/O Input/output pin for data reception or transmission by SCId I2C bus interface (RIIC) SCL I/O Input/output pin for I2C bus interface clocks. Bus can be directly driven by the NMOS open drain output. SDA I/O Input/output pin for I2C bus interface data. Bus can be directly driven by the NMOS open drain output. Serial peripheral interface (RSPI) RSPCKA I/O Clock input/output pin for the RSPI. MOSIA I/O Input or output data output from the master for the RSPI. MISOA I/O Input or output data output from the slave for the RSPI. SSLA0 I/O Input/output pin to select the slave for the RSPI. SSLA1 to SSLA3 Output Output pins to select the slave for the RSPI. 12-bit A/D converter AN000 to AN015 Input Input pin for the analog signals to be processed by the A/D converter. ADTRG0# Input Input pin for the external trigger signals that start the A/D conversion. D/A converter DA0, DA1 Output Output pins for the analog signals to be processed by the D/A converter. Comparator A CMPA1 Input Input pin for the comparator A1 analog signals. CMPA2 Input Input pin for the comparator A2 analog signals. CVREFA Input Input pin for the comparator reference voltage. Comparator B CMPB0 Input Input pin for the comparator B0 analog signals. CVREFB0 Input Input pin for the comparator B0 reference voltage. CMPB1 Input Input pin for the comparator B1 analog signals. CVREFB1 Input Input pin for the comparator B1 reference voltage. Table 1.4 Pin Functions (3 / 4) Classifications Pin Name I/O Description |
Similar Part No. - R5F52106ADFG |
|
Similar Description - R5F52106ADFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |