Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFY25-23 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # CFY25-23
Description  GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CFY25-23 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  CFY25-23 Datasheet HTML 1Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 2Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 3Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 4Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 5Page - Siemens Semiconductor Group CFY25-23 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CFY 25
Semiconductor Group
6
Common Source S Parameters
fS11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
0.99
0.96
0.91
0.86
0.81
0.77
0.74
0.70
0.68
0.67
0.67
0.66
0.66
0.66
0.66
0.66
0.66
0.66
– 21
– 42
– 67
– 87
– 107
– 125
– 145
– 165
178
161
146
132
117
103
90
77
63
47
3.83
3.73
3.55
3.34
3.10
2.92
2.74
2.57
2.42
2.31
2.20
2.10
2.02
1.94
1.90
1.84
1.80
1.78
161
141
121
103
86
70
54
37
23
9
– 4
– 17
– 31
– 44
– 57
– 70
– 84
– 99
0.026
0.049
0.069
0.083
0.093
0.100
0.105
0.107
0.108
0.109
0.110
0.110
0.110
0.112
0.115
0.119
0.125
0.132
75
61
45
33
21
11
1
– 9
– 17
– 24
– 30
– 36
– 42
– 49
– 55
– 63
– 72
– 83
0.68
0.66
0.63
0.59
0.56
0.52
0.48
0.45
0.42
0.41
0.39
0.37
0.36
0.35
0.34
0.33
0.32
0.31
– 13
– 27
– 41
– 55
– 66
– 77
– 89
– 102
– 112
– 124
– 134
– 145
– 158
– 169
180
165
151
136
ID = 15 mA, VDS = 3 V, Z0 = 50
S11, S22
ID = 15 mA, VDS = 3 V, Z0 = 50
S12, S21
ID = 15 mA, VDS = 3 V, Z0 = 50


Similar Part No. - CFY25-23

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY25-23 INFINEON-CFY25-23 Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY25-23P INFINEON-CFY25-23P Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
More results

Similar Description - CFY25-23

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
logo
Infineon Technologies A...
CFH77 INFINEON-CFH77 Datasheet
50Kb / 5P
   GaAs HEMT For low noise front end amplifiers up to 20 GHz
03.00
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Siemens Semiconductor G...
CFY77 SIEMENS-CFY77 Datasheet
27Kb / 4P
   AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
logo
Excelics Semiconductor,...
EPB025A EXCELICS-EPB025A Datasheet
26Kb / 2P
   Low Noise High Gain Heterojunction FET
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
   Low Noise High Gain Heterojunction FET
logo
List of Unclassifed Man...
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
   Low Noise High Gain Heterojunction FET
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302_97 Datasheet
361Kb / 6P
   LOW NOISE GaAs FET
logo
Mitsumi Electronics, Co...
MGF1402B MITSUMI-MGF1402B Datasheet
141Kb / 5P
   LOW NOISE GaAs FET
logo
Mitsubishi Electric Sem...
MGF1303B MITSUBISHI-MGF1303B Datasheet
175Kb / 4P
   LOW NOISE GaAs FET?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com