Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F52107ADLJ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F52107ADLJ
Description  Renesas MCUs
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52107ADLJ Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F52107ADLJ Datasheet HTML 1Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 2Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 3Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 4Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 5Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 6Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 7Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 8Page - Renesas Technology Corp R5F52107ADLJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
R01DS0041EJ0090 Rev.0.90
Page 5 of 144
Aug 10, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX210 Group
100 Pins
80 Pins
64 Pins
External bus
CS areas: 4 (CS0 to CS3)
Supported
Not supported
Not supported
Interrupt
External interrupts
NMI, IRQ0 to IRQ7
DMA
DMA controller (DMAC)
4 channels (DMAC0 to DMAC3)
Data transfer controller (DTC)
Supported
Timers
Multi-function timer pulse unit 2 (MTU2)
6 channels (MTU0 to MTU5)
Port output enable 2 (POE2)
POE0# to POE3#, POE8#
8-bit timer (TMR)
2 channels × 2 units
Compare match timer (CMT)
2 channels × 2 units
Realtime clock (RTC)
Supported
Watchdog timer (WDT)
Supported
Independent watchdog timer (IWDT)
Supported
Communication
function
Serial communications interface (SCIc)
6 channels
(SCI0, 1, 5, 6, 8, 9)
5 channels
(SCI1, 5, 6, 8, 9)
Serial communications interface (SCId)
1 channel (SCI12)
I2C bus interface (RIIC)
1 channel
Serial peripheral interface (RSPI)
1 channel
12-bit A/D converter
16 channels
(AN000 to AN015)
14 channels
(AN000 to AN013)
12 channels
(AN000 to AN004,
AN006, AN008 to
AN013)
Temperature sensor
Supported
D/A converter
2 channels
CRC calculator (CRC)
Supported
Event link controller (ELC)
Supported
Comparator A
2 channels
Comparator B
2 channels
Package
100-pin TFLGA
100-pin LQFP
80-pin LQFP
64-pin LQFP


Similar Part No. - R5F52107ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52107ADLJ RENESAS-R5F52107ADLJ Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
R5F52107ADLJ RENESAS-R5F52107ADLJ Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52107ADLJ#U0 RENESAS-R5F52107ADLJ#U0 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
More results

Similar Description - R5F52107ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com