Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2154AEJFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F2154AEJFP
Description  RENESAS MCU
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2154AEJFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F2154AEJFP Datasheet HTML 1Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 2Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 3Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 4Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 5Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 6Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 7Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 8Page - Renesas Technology Corp R5F2154AEJFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
R8C/54E Group, R8C/54F Group, R8C/54G Group, R8C/54H Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0043EJ0010 Rev.0.10
Page 2 of 52
Mar 15, 2011
1.1.2
Specifications
Tables 1.1 and 1.2 outline the R8C/54E Group Specifications. Tables 1.3 and 1.4 outline the R8C/54F Group
Specifications. Tables 1.5 and 1.6 outline the R8C/54G Group Specifications. Tables 1.7 and 1.8 outline the
R8C/54H Group Specifications.
Table 1.1
R8C/54E Group Specifications (1)
Item
Function
Description
CPU
Central
processing unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
31.25 ns (CPU clock = 32 MHz, VCC = 2.7 V to 5.5 V)
200 ns (CPU clock = 5 MHz, VCC = 1.8 V to 2.7 V)
• Multiplier: 16 bits × 16 bits
 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
 32 bits
• Operating mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM,
data flash
See Table 1.9 R8C/54E Group Product List.
Voltage
detection
Voltage detection
circuit
• Power-on reset
• Voltage detection with three check points (the detection levels for voltage
detection 0 and voltage detection 1 can be selected.)
I/O ports
Programmable
I/O ports
• Input only: 1
• CMOS I/O: 43, selectable pull-up resistor
• Simplified peripheral mapping controller (PMC) allows communication function
priority pin assignment selection.
Clock
Clock generation
circuits
• 4 circuits: XIN clock oscillation circuit,
high-speed on-chip oscillator (with frequency adjustment function),
low-speed on-chip oscillator,
PLL frequency synthesizer (up to 32 MHz), multiplied by 2, 4, 6, or 8
• Oscillation stop detection: XIN clock oscillation stop detection function
• Frequency divider circuit: Divided by 1, 2, 4, 8, or 16 can be selected
• Low-power mode: Standard operating mode (high-speed clock, high-speed
on-chip oscillator, low-speed on-chip oscillator), wait mode,
stop mode
Interrupts
• Number of interrupt vectors: 69
• External interrupt inputs: 9 (INT × 5, key input × 4)
• Priority levels: 7
Event link controller (ELC)
• Events output from peripheral functions can be linked to events input to
different peripheral functions.
(22 sources × 7 types of event link operations)
• Events can be handled independently from interrupt requests.
Watchdog timer
• 14 bits × 1
• Selectable reset start function
• Selectable low-speed on-chip oscillator for the watchdog timer
DTC (data transfer controller)
• 1 channel
• Activation sources: 36
• Transfer modes: 2 (normal mode, repeat mode)


Similar Part No. - R5F2154AEJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2154AFJFP RENESAS-R5F2154AFJFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F2154AFKFP RENESAS-R5F2154AFKFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F2154AGJFP RENESAS-R5F2154AGJFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F2154AGKFP RENESAS-R5F2154AGKFP Datasheet
623Kb / 81P
   RENESAS MCU
More results

Similar Description - R5F2154AEJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com