Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21566EJFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F21566EJFP
Description  RENESAS MCU
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21566EJFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F21566EJFP Datasheet HTML 3Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 4Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 5Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 6Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 7Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 8Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 9Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 10Page - Renesas Technology Corp R5F21566EJFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
R8C/56E Group, R8C/56F Group, R8C/56G Group, R8C/56H Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0042EJ0010 Rev.0.10
Page 7 of 58
Mar 15, 2011
Note:
1. Specify the K version if it is to be used.
Table 1.6
R8C/56F Group Specifications (3)
Item
Function
Description
Debug functions
• 1-wire debug interface provided (dedicated hardware provided)
• Hot plug connection is supported, allowing the debugger interface to be
connected during user mode operation.
Operating frequency/
Power supply voltage
CPU clock = 32 MHz (VCC = 2.7 V to 5.5 V)
CPU clock = 5 MHz (VCC = 1.8 V to 2.7 V)
Current consumption
T.B.D.
Operating ambient temperature
-40
C to 85 C (J version)
-40
C to 125 C (K version) (1)
Package
64-pin LQFP
Package code: PLQP0064KB-A (previous code: 64P6Q-A)


Similar Part No. - R5F21566EJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21566FJFP RENESAS-R5F21566FJFP Datasheet
667Kb / 88P
   RENESAS MCU
R5F21566FKFP RENESAS-R5F21566FKFP Datasheet
667Kb / 88P
   RENESAS MCU
More results

Similar Description - R5F21566EJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com