Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F10RLAANB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F10RLAANB
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RLAANB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F10RLAANB Datasheet HTML 1Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 2Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 3Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 4Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 5Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 6Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 7Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 8Page - Renesas Technology Corp R5F10RLAANB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
RL78/L12
1. OUTLINE
Page 5 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.3.3 48-pin products
• 48-pin plastic LQFP (fine pitch) (7 × 7)
36 35 34 33 32 31 30 29 28 27 26 25
1 2 3 4 5 6 7 8 9 10 11 12
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P144/ANI22/SEG35
P143/ANI21/SEG34
P142/ANI20/SEG33
P14/ANI19/SEG32
P13/ANI18/SEG31
P12/SO00/TxD0/TOOLTxD/SEG30/(TI02)/(TO02)
P11/SI00/RxD0/TOOLRxD/SEG29/(INTP2)
P10/SCK00/TI07/TO07/SEG28/(INTP1)
P140/TO00/PCLBUZ0/SEG27
P141/TI00/PCLBUZ1/SEG26
P70/KR0/SEG16
P32/TI03/TO03/INTP4/KR1/SEG17
P31/INTP3/RTC1HZ/KR2/SEG18
P30/TI01/TO01/KR3/SEG19
P125/VL3
VL4
VL2
VL1
P126/CAPL
P127/CAPH
P61/SDAA0/SEG20
P60/SCLA0/SEG21
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1. For pin identification, see 1.4
Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR)


Similar Part No. - R5F10RLAANB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10RLAA RENESAS-R5F10RLAA Datasheet
1Mb / 136P
   Ultra-Low Power Technology
More results

Similar Description - R5F10RLAANB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
   True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com