Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20164SA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R2A20164SA
Description  8-bit 4ch D/A Converter with Buffer Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20164SA Datasheet(HTML) 5 Page - Renesas Technology Corp

  R2A20164SA Datasheet HTML 1Page - Renesas Technology Corp R2A20164SA Datasheet HTML 2Page - Renesas Technology Corp R2A20164SA Datasheet HTML 3Page - Renesas Technology Corp R2A20164SA Datasheet HTML 4Page - Renesas Technology Corp R2A20164SA Datasheet HTML 5Page - Renesas Technology Corp R2A20164SA Datasheet HTML 6Page - Renesas Technology Corp R2A20164SA Datasheet HTML 7Page - Renesas Technology Corp R2A20164SA Datasheet HTML 8Page - Renesas Technology Corp R2A20164SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
New Product
R2A20164NP/SA
Page 5 of 8
R03DS0017EJ0100 Rev.1.00
2011.09.05
AC Characteristics
Timing Chart
CLK
tCR
tCF
tCKH
tCKL
tDCH
tCHD
tCHL
tLDH
tLDC
tLDD
DI
LD
D/A
output
tDo
Do
output
(Note) Timing chart above is a schematic representation of the timing of each signal type.
CLK signal input is High or Low regardless, LD signal High input is enabled.
tLDD
tDO
tLDH
tLDC
tCHL
tCHD
tDCH
tCF
tCR
tCKH
tCKL
fCLK
Symbol
MHz
10
1.0
-
Clock frequency
ns
50
-
-10
CL< 100 pF
Data output delay time
Ta=25deg, CL<100pF, VAO: 0.5
4.5V,
The time until the output becomes the final
value of 1/2 LSB.
Test conditions
D/A output settling time
LD high pulse width
LD hold time
LD setup time
Data hold time
Data setup time
Clock fall time
Clock rise time
Clock high pulse width
Clock low pulse width
Item
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
Typ
Min
-
40
40
40
30
4
-
-
40
40
Limits
-
-
-
-
-
-
-
-
-
-
-
-
200
-
-
200
-
-
150
-
Max
(Vcc,VrefU1,VrefU2 = +5V +/-10%, Vcc >VrefU1,VrefU2, GND=VrefL1=VrefL2= 0V, Ta= -30 to +85deg unless otherwise noted)


Similar Part No. - R2A20164SA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20164NPSA RENESAS-R2A20164NPSA_15 Datasheet
355Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers
More results

Similar Description - R2A20164SA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20164NPSA RENESAS-R2A20164NPSA_15 Datasheet
355Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P Datasheet
128Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_15 Datasheet
127Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62343P MITSUBISHI-M62343P Datasheet
25Kb / 5P
   8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com