Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20154NS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2A20154NS
Description  8-bit 4ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20154NS Datasheet(HTML) 7 Page - Renesas Technology Corp

  R2A20154NS Datasheet HTML 1Page - Renesas Technology Corp R2A20154NS Datasheet HTML 2Page - Renesas Technology Corp R2A20154NS Datasheet HTML 3Page - Renesas Technology Corp R2A20154NS Datasheet HTML 4Page - Renesas Technology Corp R2A20154NS Datasheet HTML 5Page - Renesas Technology Corp R2A20154NS Datasheet HTML 6Page - Renesas Technology Corp R2A20154NS Datasheet HTML 7Page - Renesas Technology Corp R2A20154NS Datasheet HTML 8Page - Renesas Technology Corp R2A20154NS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
New Product
R2A20154NS/SP
Page 7 of 8
R03DS0014EJ0100 Rev.1.00
2011.09.05
Digital Data Format
A
DAC data 1
A
Sub address 1
A
W
Slave address
STA
A
DAC data 2
A
Sub address 2
Sub address n
STP
A
DAC data n
A
After the Start condition, the transmitting IC accesses the slave IC by Slave address, and transmits the
data to each channel by two bites (Sub address and DAC data).
 Supply voltage terminal (Vcc) is also used for D/A converter upper reference voltage setting. If ripple or
spike is input this terminal, accuracy of D/A converter is down, So, when use this device, please connect
capacitor among Vcc to GND for stable D/A conversion.
 This IC’s output amplifier has an advantage to capacitive load, So, it’s no problem at device action when
connect capacitor ( 0.1 µF Max ) among output to GND for every noise elimination.
Application Example
8
7
6
5
Analog output
terminals
+
10µF
MCU
5V
5V
Vcc
SCL
SDA
GND
4
Ao4
3
Ao3
2
Ao2
1
Ao1
Precaution For use
Ordering Information
Embossed Taping/2,500 pcs.
SP
PRSP0008DE-C
SOP-8
R2A20154SP
Embossed Taping/5,000 pcs.
NS
PWSN0008KA-A
SON-8
R2A20154NS
Packing/Quantity
Package type No.
Package Code
Package Name
Order part No.


Similar Part No. - R2A20154NS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20154NS RENESAS-R2A20154NS_15 Datasheet
347Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
More results

Similar Description - R2A20154NS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20154NS RENESAS-R2A20154NS_15 Datasheet
347Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
R2A20152NS RENESAS-R2A20152NS_15 Datasheet
346Kb / 9P
   8-bit 2ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
R2A20158NP RENESAS-R2A20158NP Datasheet
157Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
R2A20152NS RENESAS-R2A20152NS Datasheet
346Kb / 9P
   8-bit 2ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
M62334P RENESAS-M62334P Datasheet
128Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_15 Datasheet
127Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
R2A20164NPSA RENESAS-R2A20164NPSA_15 Datasheet
355Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers
R2A20164NP RENESAS-R2A20164NP Datasheet
355Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com