Electronic Components Datasheet Search |
|
SAB-C540U-EN Datasheet(PDF) 4 Page - Siemens Semiconductor Group |
|
SAB-C540U-EN Datasheet(HTML) 4 Page - Siemens Semiconductor Group |
4 / 65 page Semiconductor Group 4 1997-10-01 C540U C541U Features (cont’d) : • Up to 64K byte external data memory • 256 byte on-chip RAM • Four parallel I/O ports – P-LCC-44 package : three 8-bit ports and one 6-bit port – P-SDIP-52 package : four 8-bit ports – LED current drive capability for 3 pins (10 mA) • Two 16-bit timer/counters (C501 compatible) • SSC synchronous serial interface (SPI compatible) (only C541U) – Master and slave capable – Programmable clock polarity / clock-edge to data phase relation – LSB/MSB first selectable – 1.5 MBaud transfer rate at 12 MHz operating frequency • 7 interrupt sources (2 external, 5 internal with 2 USB interrupts) selectable at 2 priority levels • Enhanced fail safe mechanisms – Programmable watchdog timer (only C541U) – Oscillator watchdog • Power saving modes – idle mode – software power down mode with wake-up capability through INT0 pin or USB • On-chip emulation support logic (Enhanced Hooks Technology TM) • P-LCC-44 and P-SDIP-52 packages • Power supply voltage range : 4.0V to 5.5V • Temperature Range : SAB-C540U T A = 0 to 70 °C SAB-C541U T A = 0 to 70 °C Table 1 Ordering Information Type Ordering Code Package Description (8-Bit CMOS microcontroller) SAB-C540U-EN Q67126-C2042 P-LCC-44-2 8-Bit CMOS microcontroller (12 MHz) SAB-C540U-EP Q67120-C2043 P-SDIP-52-1 8-Bit CMOS microcontroller (12 MHz) SAB-C541U-1EN Q67126-C2001 P-LCC-44-2 8-Bit CMOS microcontroller (12 MHz) SAB-C541U-1EP Q67120-C2021 P-SDIP-52-1 8-Bit CMOS microcontroller (12 MHz) |
Similar Part No. - SAB-C540U-EN |
|
Similar Description - SAB-C540U-EN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |