Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C515C-8RM Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAB-C515C-8RM
Description  8-Bit CMOS Microcontroller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C515C-8RM Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAB-C515C-8RM Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 12Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 13Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 14Page - Siemens Semiconductor Group SAB-C515C-8RM Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Semiconductor Group
11
1997-07-01
C515C
PSEN
47
O
The Program Store Enable
output is a control signal that enables the external
program memory to the bus during external fetch
operations. It is activated every six oscillator periods,
except during external data memory accesses. The
signal remains high during internal program execution.
ALE
48
O
The Address Latch enable
output is used for latching the address into external
memory during normal operation. It is activated every six
oscillator periods, except during an external data
memory access. ALE can be switched off when the
program is executed internally.
EA
49
I
External Access Enable
When held high, the C515C executes instructions always
from the internal ROM. When held low, the C515C
fetches all instructions from external program memory.
P0.0-P0.7
52-59
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port.
Port 0 pins that have 1's written to them float, and in that
state can be used as high-impedance inputs.
Port 0 is also the multiplexed low-order address and data
bus during accesses to external program and data
memory. In this application it uses strong internal pullup
resistors when issuing 1's.
Port 0 also outputs the code bytes during program
verification in the C515C. External pullup resistors are
required during program verification.
P5.0-P5.7
67-60
I/O
Port 5
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 5 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 5 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
Port 5 can also be switched into a bidirectional mode, in
which CMOS levels are provided. In this bidirectional
mode, each port 5 pin can be programmed individually as
input or output.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function
P-MQFP-80


Similar Part No. - SAB-C515C-8RM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C515 SIEMENS-SAB-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
SAB-C515-1R24M SIEMENS-SAB-C515-1R24M Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
SAB-C515-1R24M INFINEON-SAB-C515-1R24M Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
SAB-C515-1RM SIEMENS-SAB-C515-1RM Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
SAB-C515-1RM INFINEON-SAB-C515-1RM Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
More results

Similar Description - SAB-C515C-8RM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com