Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFC509-L Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SAFC509-L
Description  8-Bit CMOS Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC509-L Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SAFC509-L Datasheet HTML 2Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 3Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 4Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 5Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 6Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 7Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 8Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 9Page - Siemens Semiconductor Group SAFC509-L Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
Semiconductor Group
5
09.96
C509-L
Table 1
Pin Definitions and Functions
Symbol
Pin Number
I/O*)
Function
P1.0 - P1.7
9-6, 1,
100-98
9
8
7
6
1
100
99
98
I/O
Port 1
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 1 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 1 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
Port 1 can also be switched into a bidirectional mode, in
which CMOS levels are provided. In this bidirectional
mode, each port 1 pin can be programmed individually
as input or output.
Port 1 also contains the interrupt, timer, clock, capture
and compare pins that are used by various options. The
output latch corresponding to a secondary function must
be programmed to a one (1) for that function to operate
(except when used for the compare functions).
The secondary functions are assigned to the pins of
port 1 as follows :
P1.0
INT3 CC0
Interrupt 3 input / compare 0 output /
capture 0 input
P1.1
INT4 CC1
Interrupt 4 input / compare 1 output /
capture 1 input
P1.2
INT5 CC2
Interrupt 5 input / compare 2 output /
capture 2 input
P1.3
INT6 CC3
Interrupt 6 input / compare 3 output /
capture 3 input
P1.4
INT2 CC4
Interrupt 2 input / compare 4 output /
capture 4 input
P1.5
T2EX
Timer 2 external reload trigger input
P1.6
CLKOUT
System clock output
P1.7
T2
Counter 2 input
*) I = Input
O = Output


Similar Part No. - SAFC509-L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAFC501 SIEMENS-SAFC501 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAFC503 SIEMENS-SAFC503 Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
SAFC504 INFINEON-SAFC504 Datasheet
1Mb / 71P
   8-Bit Single-Chip Microcontroller
May 2000
logo
Siemens Semiconductor G...
SAFC505 SIEMENS-SAFC505 Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
SAFC505 INFINEON-SAFC505 Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
More results

Similar Description - SAFC509-L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com