Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25512ATA00I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1EX25512ATA00I
Description  Serial Peripheral Interface 512K EEPROM (64-Kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25512ATA00I Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1EX25512ATA00I Datasheet HTML 1Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 2Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 3Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 4Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 5Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 6Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 7Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 8Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Datasheet
R1EX25512ASA00I
R1EX25512ATA00I
R10DS0044EJ0100
Rev.1.00
Oct.04, 2010
Serial Peripheral Interface
512K EEPROM (64-Kword
× 8-bit)
Description
R1EX25xxx series is the Serial Peripheral Interface compatible (SPI) EEPROM (Electrically Erasable and
Programmable ROM). They realize high speed, low power consumption and a high level of reliability by employing
advanced MONOS memory technology and CMOS process and low voltage circuitry technology. They also have a
128-byte page programming function to make their write operation faster.
Features
• Single supply: 1.8 V to 5.5 V
• Serial Peripheral Interface compatible (SPI bus)
 SPI mode 0 (0,0), 3 (1,1)
• Clock frequency: 5 MHz (2.5 V to 5.5 V), 3 MHz (1.8 V to 5.5 V)
• Power dissipation:
 Standby: 5 µA (max)
 Active (Read): 5 mA (max)
 Active (Write): 5 mA (max)
• Automatic page write: 128-byte/page
• Write cycle time: 5 ms (max)
• Endurance: 1,000k Cycles @25 °C
• Data retention: 100 Years @25 °C
• Small size packages: SOP-8pin, TSSOP-8pin
• Shipping tape and reel
 TSSOP-8pin : 3,000 IC/reel
 SOP-8pin
: 2,500 IC/reel
• Temperature range: −40 to +85°C
• Lead free product.
R10DS0044EJ0100 Rev.1.00
Page 1 of 20
Oct.04, 2010


Similar Part No. - R1EX25512ATA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
   Serial Peripheral Interface
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results

Similar Description - R1EX25512ATA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00A RENESAS-R1EX25512ASA00A Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00I RENESAS-R1EX25512ASA00I_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_13 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com