Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25512ATA00I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1EX25512ATA00I
Description  Serial Peripheral Interface 512K EEPROM (64-Kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25512ATA00I Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1EX25512ATA00I Datasheet HTML 1Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 2Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 3Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 4Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 5Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 6Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 7Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 8Page - Renesas Technology Corp R1EX25512ATA00I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
R1EX25512ASA00I/R1EX25512ATA00I
Memory cell characteristics
(VCC = 1.8 V to 5.5 V)
Ta=25
°C
Ta=85
°C
Notes
Endurance
1,000k Cycles min.
100k Cycles min.
1
Data retention
100 Years min.
10 Years min.
1
Notes: 1. Not 100
% tested
Data at shipment
 Memory array : “ 1 ” (FF Hex)
 Status register SRWD, BP0, BP1: “ 0 ”
DC Characteristics
Parameter
Symbol
Min
Max
Unit
Test conditions
Input leakage current
ILI
2
µA
VCC = 5.5 V, VIN = 0 to 5.5 V
(
S, D, C, HOLD, W)
Output leakage current
ILO
2
µA
VCC = 5.5 V, VOUT = 0 to 5.5 V
(Q)
Standby
ISB
5
µA
VIN = VSS or VCC, S = VCC
VCC = 5.5 V
3
mA
VCC = 3.3 V, Read at 5 MHz
VIN = VCC
× 0.1 / VCC × 0.9
Q = OPEN
ICC1
5
mA
VCC = 5.5 V, Read at 5 MHz
VIN = VCC
× 0.1 / VCC × 0.9
Q = OPEN
3
mA
VCC = 3.3 V, Write at 5 MHz
VIN = VCC
× 0.1 / VCC × 0.9
VCC current
Active
ICC2
5
mA
VCC = 5.5 V, Write at 5 MHz
VIN = VCC
× 0.1 / VCC × 0.9
VOL1
0.4
V
VCC = 2.5 to 5.5 V, IOL = 2 mA
VOL2
0.4
V
VCC = 1.8 to 2.5 V, IOL = 1.5 mA
VOH1
VCC
× 0.8
V
VCC = 2.5 to 5.5 V, IOH =
−2 mA
Output voltage
VOH2
VCC
× 0.8
V
VCC = 1.8 to 2.5 V, IOH=
−0.4 mA
R10DS0044EJ0100 Rev.1.00
Page 4 of 20
Oct.04, 2010


Similar Part No. - R1EX25512ATA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
   Serial Peripheral Interface
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results

Similar Description - R1EX25512ATA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00A RENESAS-R1EX25512ASA00A Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00I RENESAS-R1EX25512ASA00I_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_13 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com