Part Name
         Description
PS2514-1

 HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES ( 16 Page)


RENESAS
100% 
Zoom Out Zoom In
 
 1 page
background image
R08DS0012EJ0100 Rev.1.00
Page 1 of 14
Mar 19, 2012
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary Data Sheet
PS2514-1,PS2514L-1
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
DESCRIPTION
The PS2514-1 and PS2514L-1 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor, enabling relatively high switching speed with high load resistor of several k
Ω.
The PS2514-1 is in a plastic DIP (Dual In-line Package) and the PS2514L-1 is lead bending type (Gull-wing) for
surface mount.
FEATURES
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 40 V)
• Guaranteed maximum switching speed
(toff
≤ 25
μs @ IF = 5 mA, VCC = 5 V, RL = 5 kΩ)
• High-speed switching (ton = 15
μs TYP. @ IF = 5 mA, VCC = 5 V, RL = 5 kΩ)
(toff = 15
μs TYP. @ IF = 5 mA, VCC = 5 V, RL = 5 kΩ)
• Embossed tape product: PS2514L-1-F3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• CQC approved: CQC11001056759/CQC11001056758
CQC11001056865/CQC11001057073
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40008862 (Option)
APPLICATIONS
• Power supply
• FA equipment
• Electronic electricity meter
R08DS0012EJ0100
Rev.1.00
Mar 19, 2012
1. Anode
2. Cathode
3. Emitter
4. Collector
PIN CONNECTION
(Top View)
12
43
<R>
<R>



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl