Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2514-1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2514-1
Description  HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2514-1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2514-1 Datasheet HTML 1Page - Renesas Technology Corp PS2514-1 Datasheet HTML 2Page - Renesas Technology Corp PS2514-1 Datasheet HTML 3Page - Renesas Technology Corp PS2514-1 Datasheet HTML 4Page - Renesas Technology Corp PS2514-1 Datasheet HTML 5Page - Renesas Technology Corp PS2514-1 Datasheet HTML 6Page - Renesas Technology Corp PS2514-1 Datasheet HTML 7Page - Renesas Technology Corp PS2514-1 Datasheet HTML 8Page - Renesas Technology Corp PS2514-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PS2514-1,PS2514L-1e
R08DS0012EJ0100 Rev.1.00
Page 4 of 14
Mar 19, 2012
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification etc.
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS2514-1
PS2514-1Y-A
Pb-Free and
Magazine case 100 pcs
PS2514-1
PS2514L-1
PS2514L-1Y-A
Halogen Free
PS2514L-1-F3
PS2514L-1Y-F3-A
Embossed Tape 2 000 pcs/reel
Standard products
(UL, CSA, CQC
approved)
PS2514L-1
PS2514-1-V
PS2514-1Y-V-A
Magazine case 100 pcs
DIN EN60747-5-2
PS2514-1
PS2514L-1-V
PS2514L-1Y-V-A
(VDE0884 Part2)
PS2514L-1-V-F3 PS2514L-1Y-V-F3-A
Embossed Tape 2 000 pcs/reel
approved
(Option)
PS2514L-1
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Reverse Voltage
VR
6
V
Forward Current (DC)
IF
30
mA
Power Dissipation Derating
ΔPD/°C
1.5
mW/
°C
Power Dissipation
PD
150
mW
Peak Forward Current
*1
IFP
0.5
A
Transistor
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
0.6
V
Collector Current
IC
20
mA
Power Dissipation Derating
ΔPC/°C
1.5
mW/
°C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
μs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input Current
IF
5
6
7
mA
<R>


Similar Part No. - PS2514-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1-V CEL-PS2514-1-V Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2514-1-V RENESAS-PS2514-1-V Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1Y-A CEL-PS2514-1Y-A Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results

Similar Description - PS2514-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com