Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8369TS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NX8369TS
Description  LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8369TS Datasheet(HTML) 4 Page - Renesas Technology Corp

  NX8369TS Datasheet HTML 1Page - Renesas Technology Corp NX8369TS Datasheet HTML 2Page - Renesas Technology Corp NX8369TS Datasheet HTML 3Page - Renesas Technology Corp NX8369TS Datasheet HTML 4Page - Renesas Technology Corp NX8369TS Datasheet HTML 5Page - Renesas Technology Corp NX8369TS Datasheet HTML 6Page - Renesas Technology Corp NX8369TS Datasheet HTML 7Page - Renesas Technology Corp NX8369TS Datasheet HTML 8Page - Renesas Technology Corp NX8369TS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NX8369TS
Chapter Title
R08DS0044EJ0100 Rev.1.00
Page 4 of 7
Jun 06, 2011
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Storage Temperature
Tstg
−40 to +95
°C
Operating Case Temperature
TC
−40 to +90
°C
Forward Current of LD
IFLD
120
mA
Reverse Voltage of LD
VRLD
2
V
Forward Current of PD
IFPD
10
mA
Reverse Voltage of PD
VRPD
15
V
Soldering Temperature
(Flexible Printed Circuit)
Tsld
350 (10 sec.)
°C
Optical Output Power
Pf
5
mW
RECOMMENDED OPERATING CONDITION
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Bias Current
Ibias
TC = 25
°C, refer to below
Ith +22
mA
0
IF
Pf
(mW)
P1
(mA)
Ex = 10 log
[dB]
P1
P0
P0
Imod
Ibias


Similar Part No. - NX8369TS

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8369TS CEL-NX8369TS Datasheet
213Kb / 9P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX8369TS RENESAS-NX8369TS_15 Datasheet
204Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TS CEL-NX8369TS_16 Datasheet
1Mb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results

Similar Description - NX8369TS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB Datasheet
211Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8349TS CEL-NX8349TS_16 Datasheet
705Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TS RENESAS-NX8349TS_15 Datasheet
246Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TS RENESAS-NX8369TS_15 Datasheet
204Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8349TB CEL-NX8349TB_16 Datasheet
633Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com