Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFY6N02 Datasheet(PDF) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFY6N02
Description  20V N?묬hannel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFY6N02 Datasheet(HTML) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFY6N02 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY6N02 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY6N02 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY6N02 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY6N02 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY6N02 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
WF
WF
WF
WFY
Y
Y
Y6
6
6
6N
N
N
N02
02
02
02
6/6
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
SO
SO
SO
SOT
T
T
T-2
-2
-2
-23
3
3
3 Pac
Pac
Pac
Pack
k
k
kage
age
age
age Dimension
Dimension
Dimension
Dimension
DIM
DIM
DIM
DIM
MILL
MILL
MILL
MILLIIIIMTERS
MTERS
MTERS
MTERS
INCHES
INCHES
INCHES
INCHES
MIN
MIN
MIN
MIN
MAX
MAX
MAX
MAX
MIN
MIN
MIN
MIN
MAX
MAX
MAX
MAX
A
0.95
0.037
A1
1.90
0.074
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
50o
10o
50o
10o


Similar Part No. - WFY6N02

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFY03DN50 WINSEMI-WFY03DN50 Datasheet
308Kb / 5P
   500V N?묬hannel Depletion-Mode DMOSFET
WFY3N02 WINSEMI-WFY3N02 Datasheet
283Kb / 6P
   20V N?묬hannel MOSFET
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
   TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
logo
VBsemi Electronics Co.,...
WFY3P02 VBSEMI-WFY3P02 Datasheet
482Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Shenzhen Winsemi Microe...
WFY5N03 WINSEMI-WFY5N03 Datasheet
385Kb / 5P
   30V N?묬hannel MOSFET
More results

Similar Description - WFY6N02

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFY3N02 WINSEMI-WFY3N02 Datasheet
283Kb / 6P
   20V N?묬hannel MOSFET
WFY5N03 WINSEMI-WFY5N03 Datasheet
385Kb / 5P
   30V N?묬hannel MOSFET
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com