Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7437 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NX7437
Description  LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7437 Datasheet(HTML) 5 Page - Renesas Technology Corp

  NX7437 Datasheet HTML 1Page - Renesas Technology Corp NX7437 Datasheet HTML 2Page - Renesas Technology Corp NX7437 Datasheet HTML 3Page - Renesas Technology Corp NX7437 Datasheet HTML 4Page - Renesas Technology Corp NX7437 Datasheet HTML 5Page - Renesas Technology Corp NX7437 Datasheet HTML 6Page - Renesas Technology Corp NX7437 Datasheet HTML 7Page - Renesas Technology Corp NX7437 Datasheet HTML 8Page - Renesas Technology Corp NX7437 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NX7437 Series
Chapter Title
R08DS0036EJ0100 Rev.1.00
Page 5 of 9
Mar 03, 2011
ORDERING INFORMATION
Part Number
FIange Type
NX7437AG-AA
without flange
NX7437BF-AA
flat mount flange
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Pulsed Forward Current
*1
IFP
600
mA
Reverse Voltage
VR
2.0
V
Reverse Voltage
(monitor PD, NX7437AG-AA only)
VRM
10
V
Forward Current
(monitor PD, NX7437AG-AA only)
IFPM
2.0
mA
Operating Case Temperature
TC
−20 to +60
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
*1
Pulse Condition: Pulse Width (PW) = 10
μs, Duty = 1%


Similar Part No. - NX7437

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437AG-AA CEL-NX7437AG-AA Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437BF-AA CEL-NX7437BF-AA Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results

Similar Description - NX7437

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7538BF-AA RENESAS-NX7538BF-AA Datasheet
186Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com