Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFY5N03 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFY5N03
Description  30V N?묬hannel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFY5N03 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFY5N03 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY5N03 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY5N03 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY5N03 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY5N03 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WFY
WFY
WFY
WFY5
5
5
5N0
N0
N0
N03
3
3
3
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
30
V
ID
Continuous Drain Current
5.8
A
IDM
Drain Current Pulsed
30
A
PD
0.25
W
Tc=75℃
0.3
VGS
Gate to Source Voltage
±8
V
ESD
ESD Capability (Note 3)
C=100pF,RS = 1500Ω
225
V
TJ, Tstg
Junction and Storage Temperature
-55~150
TL
Maximum lead Temperature for soldering purposes
260
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
3
3
3
30V
0V
0V
0V N
N
N
N−
−Channel
Channel
Channel
Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
■ 5.8A, 30V, RDS(on)(Max 33mΩ)@VGS=-4.5V
■ 1.4V Rated for Low Voltage Gate Drive
■ SOT-23 Surface Mount for Small Footprint
■ Single Pulse Avalanche Energy Rated
■ Halogen-free
General Description
This Power MOSFET is produced using Winsemi’s advanced
D
D
D
D
MOS technology. This latest technology has been especially
designed to minimize on-state resistance, have a high rugged
G
G
G
G
avalanche characteristics. This devices is specially well suited for
S
S
S
S
Load switching and PA switching.
SO
SO
SO
SOT
T
T
T-23
-23
-23
-23
Absolute Maximum Ratings(Tc=25℃ unless otherwise noted)
Total Power Dissipation(Note 1)
Maximum ratings are those values beyond which device damage can occur.Maximum ratings applied to the device are
individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded,
device functional operation is not implied, damage may occur and reliability may be affected.
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJA
Thermal Resistance, Junction-to-Ambient(Note 1)
-
-
170
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient(Note 1)
110
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient(Note 2)
300
℃/W
Note 1: Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces)
Note 2: Surface−mounted on FR4 board using the minimum recommended pad size.
Note 3: ESD Rating Information: HBM Class 0
Rev. A Jun.2011
P03-3


Similar Part No. - WFY5N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WFY5N03 VBSEMI-WFY5N03 Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - WFY5N03

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFY5P03 WINSEMI-WFY5P03 Datasheet
321Kb / 5P
   -30V P?묬hannel MOSFET
logo
ON Semiconductor
369AA-01 ONSEMI-369AA-01 Datasheet
118Kb / 6P
   Power MOSFET 30V, 7 m, 89A, Single N?묬hannel SO8FL
December, 2010 ??Rev. 0
logo
First Silicon Co., Ltd
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
   30V, 0.56A, N?묬hannel, Gate ESD Protection
logo
Shenzhen Winsemi Microe...
WFY3N02 WINSEMI-WFY3N02 Datasheet
283Kb / 6P
   20V N?묬hannel MOSFET
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com