Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6511GH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NX6511GH
Description  LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX6511GH Datasheet(HTML) 1 Page - Renesas Technology Corp

  NX6511GH Datasheet HTML 1Page - Renesas Technology Corp NX6511GH Datasheet HTML 2Page - Renesas Technology Corp NX6511GH Datasheet HTML 3Page - Renesas Technology Corp NX6511GH Datasheet HTML 4Page - Renesas Technology Corp NX6511GH Datasheet HTML 5Page - Renesas Technology Corp NX6511GH Datasheet HTML 6Page - Renesas Technology Corp NX6511GH Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R08DS0052EJ0100 Rev.1.00
Page 1 of 5
Jan 19, 2012
Preliminary Data Sheet
NX6511GH
LASER DIODE
1 550 nm InGaAsP MQW-DFB LASER DIODE
FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
DESCRIPTION
The NX6511GH is a 1 550 nm Multiple Quantum Well (MQW) structured
Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
APPLICATIONS
• 1.25 Gb/s FTTH P2P
• OC-48 IR-2
FEATURES
• Optical output power
PO = 5.0 mW
• Low threshold current
Ith = 10 mA
• Differential efficiency
ηd = 0.35 W/A
• Wide operating temperature range
TC =
−40 to +85°C
• InGaAs monitor PIN-PD
• CAN package
φ 5.6 mm
• Focal point
10 mm
R08DS0052EJ0100
Rev.1.00
Jan 19, 2012


Similar Part No. - NX6511GH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6511GH-AZ CEL-NX6511GH-AZ Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results

Similar Description - NX6511GH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6514EH RENESAS-NX6514EH_15 Datasheet
217Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6510GH RENESAS-NX6510GH Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6514EH RENESAS-NX6514EH Datasheet
205Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND OC-48 IR-2
NX6314EH RENESAS-NX6314EH Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
California Eastern Labs
NX6314EH CEL-NX6314EH Datasheet
903Kb / 6P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com