Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFY3P02 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFY3P02
Description  TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFY3P02 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFY3P02 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WFY3P02
WFY3P02
WFY3P02
WFY3P02
4 /5
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Fig.7
Fig.7
Fig.7
Fig.7 Resistive
Resistive
Resistive
Resistive S
S
S
Sw
w
w
wiiiitching
tching
tching
tching T
T
T
Tiiiime
me
me
me V
V
V
Va
a
a
ariation
riation
riation
riation
vs.
vs.
vs.
vs. Gate
Gate
Gate
Gate Resistance
Resistance
Resistance
Resistance
Fig.9
Fig.9
Fig.9
Fig.9 Drain
Drain
Drain
Drain−
−to
to
to
to−
−Source
Source
Source
Source Leakage
Leakage
Leakage
Leakage Current
Current
Current
Current
vs.
vs.
vs.
vs. V
V
V
Vo
o
o
oltage
ltage
ltage
ltage
Fig.8
Fig.8
Fig.8
Fig.8 Maximum
Maximum
Maximum
Maximum Drain
Drain
Drain
Drain Current
Current
Current
Current vs
vs
vs
vs Case
Case
Case
Case
T
T
T
Te
e
e
emperature
mperature
mperature
mperature
Fig.10
Fig.10
Fig.10
Fig.10 On
On
On
On−
−Resistance
Resistance
Resistance
Resistance vs.
vs.
vs.
vs. Drain
Drain
Drain
Drain Current
Current
Current
Current and
and
and
and
T
T
T
Te
e
e
emperature
mperature
mperature
mperature


Similar Part No. - WFY3P02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WFY3P02 VBSEMI-WFY3P02 Datasheet
482Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - WFY3P02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
   ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
   Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
   ??0 V, ??.3 A, P?묬hannel SOT??3 Package
logo
ON Semiconductor
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
   ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com