Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C511 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C511 Datasheet HTML 1Page - Siemens Semiconductor Group C511 Datasheet HTML 2Page - Siemens Semiconductor Group C511 Datasheet HTML 3Page - Siemens Semiconductor Group C511 Datasheet HTML 4Page - Siemens Semiconductor Group C511 Datasheet HTML 5Page - Siemens Semiconductor Group C511 Datasheet HTML 6Page - Siemens Semiconductor Group C511 Datasheet HTML 7Page - Siemens Semiconductor Group C511 Datasheet HTML 8Page - Siemens Semiconductor Group C511 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
8-Bit CMOS Microcontroller Family
Preliminary
C511
C511A
C513
C513A
C513A-H
q Fully software compatible to standard 8051/8052 microcontrollers
q
Up to 12 MHz operating frequency
q
Up to 12 K
×8 ROM / EEPROM
q
Up to 256
×8 RAM
q
Up to 256 x 8 XRAM
q Four 8-bit ports
q
Up to three 16-bit Timers / Counters (Timer 2 with Up/Down and 16-bit Autoreload Feature)
q Synchronous Serial Channel (SSC)
q
Optional USART
q
Up to seven interrupt sources, two priority levels
q
Power Saving Modes
q
P-LCC-44 package (C513A also in P-MQFP-44 package)
q Temperature Ranges :
SAB-C511 / 511A / 513 / 513A / C513A-H
T
A :
0 ˚C to 70 ˚C
SAF-C513A
T
A :
-40 ˚C to 85 ˚C
Semiconductor Group
3
06.96


Similar Part No. - C511

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C511 SIEMENS-C511 Datasheet
1Mb / 128P
   8-Bit CMOS Microcontroller
logo
Bi technologies
C51102JCG1 BITECH-C51102JCG1 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C51102JCG2 BITECH-C51102JCG2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C51102JCG5 BITECH-C51102JCG5 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C51102JX7R1 BITECH-C51102JX7R1 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
More results

Similar Description - C511

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com