Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6206DP15 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM6206DP15
Description  32K x 8 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6206DP15 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM6206DP15 Datasheet HTML 1Page - Motorola, Inc MCM6206DP15 Datasheet HTML 2Page - Motorola, Inc MCM6206DP15 Datasheet HTML 3Page - Motorola, Inc MCM6206DP15 Datasheet HTML 4Page - Motorola, Inc MCM6206DP15 Datasheet HTML 5Page - Motorola, Inc MCM6206DP15 Datasheet HTML 6Page - Motorola, Inc MCM6206DP15 Datasheet HTML 7Page - Motorola, Inc MCM6206DP15 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCM6206D
3
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
5 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
Figure 1A Unless Otherwise Noted
. . . . . . . . . . . . . . . .
READ CYCLE (See Note 1)
– 12
– 15
– 20
– 25
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
12
15
20
25
ns
2
Address Access Time
tAVQV
12
15
20
25
ns
Enable Access Time
tELQV
12
15
20
25
ns
3
Output Enable Access Time
tGLQV
6
8
10
12
ns
Output Hold from Address Change
tAXQX
4
4
4
4
ns
4,5,6
Enable Low to Output Active
tELQX
4
4
4
4
ns
4,5,6
Enable High to Output High–Z
tEHQZ
0
7
0
8
0
9
0
10
ns
4,5,6
Output Enable Low to Output Active
tGLQX
0
0
0
0
ns
4,5,6
Output Enable High to Output High–Z
tGHQZ
0
6
0
7
0
8
0
10
ns
4,5,6
Power Up Time
tELICCH
0
0
0
0
ns
Power Down Time
tEHICCL
12
15
20
25
ns
NOTES:
1. W is high for read cycle.
2. All timings are referenced from the last valid address to the first transitioning address.
3. Addresses valid prior to or coincident with E going low.
4. At any given voltage and temperature, tEHQZ (max) is less than tELQX (min), and tGHQZ (max) is less than tGLQX (min), both for a
given device and from device to device.
5. Transition is measured
±500 mV from steady–state voltage with load of Figure 1B.
6. This parameter is sampled and not 100% tested.
7. Device is continuously selected (E = VIL, G = VIL).
AC TEST LOADS
OUTPUT
Z0 = 50 Ω
50
VL = 1.5 V
Figure 1A
Figure 1B
5 pF
+5 V
OUTPUT
255
480
TIMING LIMITS
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time (even though most devices do not
require it). On the other hand, responses from
the memory are specified from the device
point of view. Thus, the access time is shown
as a maximum since the device never pro-
vides data later than that time.


Similar Part No. - MCM6206DP15

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12 MOTOROLA-MCM6206BBEJ12 Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12R MOTOROLA-MCM6206BBEJ12R Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6206DP15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
List of Unclassifed Man...
PDM41256 ETC-PDM41256 Datasheet
73Kb / 8P
   256K Static RAM 32K x 8-Bit
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com