Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6205DJ15R2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM6205DJ15R2
Description  32K x 9 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6205DJ15R2 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6205DJ15R2 Datasheet HTML 1Page - Motorola, Inc MCM6205DJ15R2 Datasheet HTML 2Page - Motorola, Inc MCM6205DJ15R2 Datasheet HTML 3Page - Motorola, Inc MCM6205DJ15R2 Datasheet HTML 4Page - Motorola, Inc MCM6205DJ15R2 Datasheet HTML 5Page - Motorola, Inc MCM6205DJ15R2 Datasheet HTML 6Page - Motorola, Inc MCM6205DJ15R2 Datasheet HTML 7Page - Motorola, Inc MCM6205DJ15R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCM6205D
1
MOTOROLA FAST SRAM
32K x 9 Bit Fast Static RAM
The MCM6205D is fabricated using Motorola’s high–performance silicon–gate
CMOS technology. Static design eliminates the need for external clocks or timing
strobes, while CMOS circuitry reduces power consumption and provides for
greater reliability.
This device meets JEDEC standards for functionality and pinout, and is avail-
able in a plastic small–outline J–leaded package.
• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• Fast Access Times: 15, 20, and 25 ns
• Equal Address and Chip Enable Access Times
• Output Enable (G) Feature for Increased System Flexibility and to
Eliminate Bus Contention Problems
• Low Power Operation: 130 – 140 mA Maximum AC
• Fully TTL Compatible — Three State Output
BLOCK DIAGRAM
A0
A2
A5
A8
A12 A13 A14
A1
A3
A4
A6
A7
A9
A10
A11
MEMORY MATRIX
256 ROWS x
128 x 9 COLUMNS
ROW
DECODER
INPUT
DATA
CONTROL
COLUMN I/O
COLUMN DECODER
DQ0
DQ8
E2
E1
W
G
VCC
VSS
Order this document
by MCM6205D/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6205D
J PACKAGE
300 MIL SOJ
CASE 857–02
SS
NC
A8
A7
A6
A5
A4
A3
A2
A1
V
V
A14
E2
A13
CC
A9
A10
A0
NC
A11
A12
DQ7
DQ8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
DQ0
DQ1
DQ2
DQ3
DQ6
DQ4
DQ5
W
G
E1
PIN NAMES
A0 – A14
Address Input
. . . . . . . . . . . . .
DQ0 – DQ8
Data Input/Data Output
. . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . .
E1, E2
Chip Enable
. . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . .
VCC
Power Supply (+ 5 V)
. . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . .
REV 1
5/95
© Motorola, Inc. 1994


Similar Part No. - MCM6205DJ15R2

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12 MOTOROLA-MCM6206BBEJ12 Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12R MOTOROLA-MCM6206BBEJ12R Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6205DJ15R2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
   32K x 9 Static RAM
CY7C188 CYPRESS-CY7C188 Datasheet
149Kb / 8P
   32K x 9 Static RAM
logo
Motorola, Inc
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6206D MOTOROLA-MCM6206D Datasheet
162Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com