Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFW064N Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFW064N
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFW064N Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFW064N Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW064N Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW064N Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW064N Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW064N Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW064N Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW064N Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
W
W
W
WF
F
F
FW064N
W064N
W064N
W064N
2/7
Electrical Characteristics(Tc=25℃)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
-
-
±100
nA
Gate-source breakdown voltage
V(BR)GSS
IG=±10 µA,VDS=0V
±30
-
-
V
Drain cut -off current
IDSS
VDS=55V,VGS=0V
-
-
25
µA
VDS=44V,VGS=0V,TJ=125℃
-
-
250
µA
Drain -source breakdown voltage
V(BR)DSS
ID=250 µA,VGS=0V
60
-
-
V
Breakdown voltage Temperature
Coefficient
△BVDSS/
△TJ
ID=1mA,
Referenced to 25℃
-
0.057
-
V/℃
Gate threshold voltage
VGS(th)
VDS=VGS,ID=250 µA
2
-
4
V
Drain -source ON resistance
RDS(ON)
VGS=10V,ID=55A
-
-
8.0
mΩ
Forward Transconductance
gfs
VDS=25V,ID=55A
44
-
-
S
Input capacitance
Ciss
VDS=25V,
VGS=0V,
f=1MHz
-
3980
-
pF
Reverse transfer capacitance
Crss
-
470
-
Output capacitance
Coss
-
1290
-
Switching time
Rise time
tr
VDD=28V,
ID=55A
RG=2.5Ω
VGS=10V
(Note4,5)
-
100
-
ns
Turn-on Delay time
Td(on)
-
14
-
Fall time
tf
-
70
-
Turn-off Delay time
Td(off)
-
43
-
Total gate charge(gate-source
plus gate-drain)
Qg
VDS=44V,
ID=55A
VGS=10V,
(Note4,5)
-
170
nC
Gate-source charge
Qgs
-
32
Gate-drain("miller") Charge
Qgd
-
74
Source-Drain Ratings and Characteristics(Ta=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Continuous drain reverse current
IDR
-
-
-
109
A
Pulse drain reverse current
IDRP
-
-
-
390
A
Forward voltage(diode)
VDSF
IDR=1A,VGS=0V
-
-
1.2
V
Reverse recovery time
trr
IDR=55A,TJ=25℃
dIDR / dt =100 A / µs
-
100
170
ns
Reverse recovery charge
Qrr
-
450
680
µC
Note 1.Repeativity rating :pulse width limited by junction temperature
2.L=190uH IAS=55A,,RG=25Ω,Starting TJ=25℃
3.ISD≤55A,di/dt≤290A/us,VDD<BVDSS, TJ≤150℃
4.Pulse Test:Pulse Width≤400us,Duty Cycle≤2%
5. Essentially independent of operating temperature.
This transistor is an electrostatic sensitive device
Please handle with caution


Similar Part No. - WFW064N

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFW10N80 WISDOM-WFW10N80 Datasheet
108Kb / 2P
   N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFW13N50 WINSEMI-WFW13N50 Datasheet
567Kb / 7P
   Silicon N-Channel MOSFET
WFW18N50N WINSEMI-WFW18N50N Datasheet
804Kb / 7P
   Silicon N-Channel MOSFET
WFW18N50W WINSEMI-WFW18N50W Datasheet
814Kb / 7P
   Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFW20N60 WISDOM-WFW20N60 Datasheet
787Kb / 7P
   600V N-Channel MOSFET
More results

Similar Description - WFW064N

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com