Part Name
         Description
WCR4C60

 Silicon Controlled Rectifiers ( 5 Page)


WINSEMI
100% 
Zoom Out Zoom In
   
 2 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
W
W
W
WCR4C60
CR4C60
CR4C60
CR4C60
2/5
Electrical Characteristics (TC=25unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Units
Min
Typ
Max
IDRM
Repetitive Peak Off-State Current
VAK=VDRM RGK=1KΩ
-
-
10
μA
-
-
1
mA
VTM
Peak On-State Voltage (1)
ITM=8A, tp=380㎲
-
1.6
1.8
V
IGT
Gate Trigger Current (2)
VD=12V,RL=140
-
-
15
mA
VGT
Gate Trigger Voltage (2)
-
-
1.5
V
VGD
Non-Trigger Gate Voltage (1)
VD=12V,RL=3.3KΩ, RGK=1 KΩ
0.1
V
dv/dt
Critical Rate of Rise Off-State
Voltage
VD=67%VDRM, RGK=1 KΩ
200
-
-
V/㎲
IH
Holding Current
IT=50mA, RGK=1 KΩ
-
-
5
mA
IL
Latching Current
IT=1mA, RGK=1 KΩ
6
-
-
mA
Rd
Dynamic resistance
Tj=125°C
-
-
100
Note:
Note:
Note:
Note:
1. Pulse Width = 1.0 ms , Duty cycle ≤ 1%
2. RGK Current not Included in measurement



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl