Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP100N04NUJ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP100N04NUJ
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP100N04NUJ Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP100N04NUJ Datasheet HTML 1Page - Renesas Technology Corp NP100N04NUJ Datasheet HTML 2Page - Renesas Technology Corp NP100N04NUJ Datasheet HTML 3Page - Renesas Technology Corp NP100N04NUJ Datasheet HTML 4Page - Renesas Technology Corp NP100N04NUJ Datasheet HTML 5Page - Renesas Technology Corp NP100N04NUJ Datasheet HTML 6Page - Renesas Technology Corp NP100N04NUJ Datasheet HTML 7Page - Renesas Technology Corp NP100N04NUJ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NP100N04NUJ
Chapter Title
R07DS0364EJ0100 Rev.1.00
Page 4 of 6
Jun 13, 2011
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
50
100
150
200
250
300
350
400
450
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VGS = 10 V
Pulsed
VDS - Drain to Source Voltage - V
0.001
0.01
0.1
1
10
100
1000
012
345
TA =
−55°C
−25°C
25°C
75°C
125°C
150°C
175°C
VDS = 10 V
Pulsed
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE
vs. CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs. DRAIN
CURRENT
0
1
2
3
4
5
-100
-50
0
50
100
150
200
VDS = VGS
ID = 250 μA
Tch - Channel Temperature -
°C
1
10
100
1000
0.1
1
10
100
VDS = 10 V
Pulsed
TA =
−55°C
−25°C
25°C
75°C
125°C
150°C
175°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
1
2
3
4
0.1
1
10
100
1000
VGS = 10 V
Pulsed
ID - Drain Current - A
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
Pulsed
ID = 100 A
50 A
20 A
VGS - Gate to Source Voltage - V


Similar Part No. - NP100N04NUJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP100N04NUJ RENESAS-NP100N04NUJ Datasheet
5Mb / 6P
   Product Scout Automotive
NP100N04NUJ RENESAS-NP100N04NUJ_15 Datasheet
223Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP100N04NUJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com