Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP75P03YDG-E1-AY Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP75P03YDG-E1-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP75P03YDG-E1-AY Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP75P03YDG-E1-AY Datasheet HTML 1Page - Renesas Technology Corp NP75P03YDG-E1-AY Datasheet HTML 2Page - Renesas Technology Corp NP75P03YDG-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP75P03YDG-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP75P03YDG-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP75P03YDG-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP75P03YDG-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP75P03YDG-E1-AY Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NP75P03YDG
Chapter Title
R07DS0020EJ0200 Rev.2.00
Page 4 of 6
Mar 16, 2011
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
-0
-50
-100
-150
-200
-250
-300
-0
-1
-2
-3
-4
VGS =
−10 V
Pulsed
−5 V
VDS - Drain to Source Voltage - V
-0.001
-0.01
-0.1
-1
-10
-100
-1000
-1
-2
-3
-4
-5
VDS =
−10 V
Pulsed
25
°C
75
°C
125
°C
TA =
−55°C
150
°C
175
°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE
vs. CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs. DRAIN
CURRENT
-2
-1.6
-1.2
-0.8
-0.4
0
-100
0
100
200
VDS = VGS
ID =
−250 μA
Tch - Channel Temperature -
°C
1
10
100
-0.1
-1
-10
-100
VDS =
−5 V
Pulsed
TA =
−55°C
25
°C
75
°C
125
°C
175
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
5
10
15
20
25
30
-0.1
-1
-10
-100
-1000
VGS =
−5 V
Pulsed
−10 V
ID - Drain Current - A
0
5
10
15
20
-0
-5
-10
-15
-20
ID =
−75 A
−37.5 A
−15 A
Pulsed
VGS - Gate to Source Voltage - V


Similar Part No. - NP75P03YDG-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP75P03YDG RENESAS-NP75P03YDG Datasheet
5Mb / 6P
   Product Scout Automotive
NP75P03YDG RENESAS-NP75P03YDG_15 Datasheet
233Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP75P03YDG-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com