Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP55N04SLG-E1-AY Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP55N04SLG-E1-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP55N04SLG-E1-AY Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP55N04SLG-E1-AY Datasheet HTML 1Page - Renesas Technology Corp NP55N04SLG-E1-AY Datasheet HTML 2Page - Renesas Technology Corp NP55N04SLG-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP55N04SLG-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP55N04SLG-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP55N04SLG-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP55N04SLG-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP55N04SLG-E1-AY Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0242EJ0100 Rev.1.00
Page 1 of 6
Feb 23, 2011
Preliminary Data Sheet
NP55N04SLG
MOS FIELD EFFECT TRANSISTOR
Description
The NP55N04SLG is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Channel temperature 175 degree rating
• Super low on-state resistance
⎯ RDS(on)1 = 6.5 mΩ MAX. (VGS = 10 V, ID = 28 A)
⎯ RDS(on)2 = 8.5 mΩ MAX. (VGS = 5 V, ID = 28 A)
⎯ RDS(on)3 = 15 mΩ MAX. (VGS = 4.5 V, ID = 11 A)
• Low input capacitance
• Gate to Source ESD protection diode built-in
Ordering Information
Part No.
LEAD PLATING
PACKING
Package
NP55N04SLG-E1-AY
1
NP55N04SLG-E2-AY
1
Pure Sn (Tin)
Tape 2500 p/reel
TO-252 (MP-3ZK)
Note: 1. Pb-free (This product does not contain Pb in external electrode.)
Absolute Maximum Ratings (TA = 25
°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
±55
A
Drain Current (pulse)
1
ID(pulse)
±220
A
Total Power Dissipation (TC = 25
°C)
PT1
77
W
Total Power Dissipation (TA = 25
°C)
PT2
1.2
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Repetitive Avalanche Current
2
IAR
30
A
Repetitive Avalanche Energy
2
EAR
90
mJ
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C)
1.95
°C/W
Channel to Ambient Thermal Resistance ∗2
Rth(ch-A)
125
°C/W
Notes: 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch ≤ 150°C, VDD = 20 V, RG = 25 Ω, VGS = 20 → 0 V
R07DS0242EJ0100
Rev.1.00
Feb 23, 2011


Similar Part No. - NP55N04SLG-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP55N04SLG RENESAS-NP55N04SLG Datasheet
5Mb / 6P
   Product Scout Automotive
NP55N04SLG RENESAS-NP55N04SLG_15 Datasheet
255Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP55N04SLG-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com