Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG3400M01-T1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NESG3400M01-T1
Description  NPN Silicon Germanium RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG3400M01-T1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NESG3400M01-T1 Datasheet HTML 1Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 2Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 3Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 4Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 5Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 6Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 7Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 8Page - Renesas Technology Corp NESG3400M01-T1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NESG3400M01
R09DS0025EJ0100 Rev.1.00
Page 4 of 8
Jul 26, 2011
VCE = 3.3 V
1 000
100
10
100
1
10
1 000
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 5 V
1 000
100
10
100
1
10
1 000
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
20
15
10
5
0
1
10
100
VCE = 3.3 V
f = 1 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
20
15
10
5
0
1
10
100
VCE = 5 V
f = 1 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Remark The graphs indicate nominal characteristics.


Similar Part No. - NESG3400M01-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
NESG340033-T1B RENESAS-NESG340033-T1B Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
NESG340034-A RENESAS-NESG340034-A Datasheet
137Kb / 2P
   RF & Microwave device
NESG340034-T1 RENESAS-NESG340034-T1 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results

Similar Description - NESG3400M01-T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com