Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N0601N Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # N0601N
Description  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0601N Datasheet(HTML) 2 Page - Renesas Technology Corp

  N0601N Datasheet HTML 1Page - Renesas Technology Corp N0601N Datasheet HTML 2Page - Renesas Technology Corp N0601N Datasheet HTML 3Page - Renesas Technology Corp N0601N Datasheet HTML 4Page - Renesas Technology Corp N0601N Datasheet HTML 5Page - Renesas Technology Corp N0601N Datasheet HTML 6Page - Renesas Technology Corp N0601N Datasheet HTML 7Page - Renesas Technology Corp N0601N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
N0601N
Chapter Title
R07DS0557EJ0100 Rev.1.00
Page 2 of 6
Nov 07, 2011
Electrical Characteristics (TA = 25
°C, all terminals are connected)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 60 V, VGS = 0 V
Gate Leakage Current
IGSS
±100
nA
VGS =
±20 V, VDS = 0 V
Gate to Source Cut-off Voltage
VGS(off)
2.0
4.0
V
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
1
| yfs |
35
S
VDS = 10 V, ID = 50 A
Drain to Source On-state
Resistance
1
RDS(on)
3.3
4.2
m
Ω
VGS = 10 V, ID = 50 A
Input Capacitance
Ciss
7730
pF
VDS = 25 V,
Output Capacitance
Coss
560
pF
VGS = 0 V,
Reverse Transfer Capacitance
Crss
290
pF
f = 1 MHz
Turn-on Delay Time
td(on)
35
ns
VDD = 30 V, ID = 50 A,
Rise Time
tr
12
ns
VGS = 10 V,
Turn-off Delay Time
td(off)
76
ns
RG = 0
Ω
Fall Time
tf
14
ns
Total Gate Charge
QG
133
nC
VDD = 48 V,
Gate to Source Charge
QGS
38
nC
VGS = 10 V,
Gate to Drain Charge
QGD
38
nC
ID = 100 A
Body Diode Forward Voltage
1
VF(S-D)
1.5
V
IF = 100 A, VGS = 0 V
Reverse Recovery Time
trr
44
ns
Reverse Recovery Charge
Qrr
61
nC
IF = 50 A, VGS = 0 V,
di/dt = 100 A/
μ s
Note: 1. Pulsed
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
μ


Similar Part No. - N0601N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
N0601N ISC-N0601N Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

Similar Description - N0601N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com