Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HITJ0302MP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HITJ0302MP
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITJ0302MP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HITJ0302MP Datasheet HTML 1Page - Renesas Technology Corp HITJ0302MP Datasheet HTML 2Page - Renesas Technology Corp HITJ0302MP Datasheet HTML 3Page - Renesas Technology Corp HITJ0302MP Datasheet HTML 4Page - Renesas Technology Corp HITJ0302MP Datasheet HTML 5Page - Renesas Technology Corp HITJ0302MP Datasheet HTML 6Page - Renesas Technology Corp HITJ0302MP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0477EJ0100 Rev.1.00
Page 1 of 6
Jun 22, 2011
Preliminary Datasheet
HITJ0302MP
Silicon P Channel MOS FET
Power Switching
Features
 Low on-resistance
RDS(on) = 138 m typ (VGS = –10 V, ID = –1.1 A)
 Low drive current
 High speed switching
 4.5 V gate drive
Outline
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
1. Source
2. Gate
3. Drain
S
D
G
2
1
3
1
2
3
Note:
Marking is “NG”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
–30
V
Gate to source voltage
VGSS
+10 / –20
V
Drain current
ID
–2.2
A
Drain peak current
ID(Pulse)
Note1
–5
A
Body - drain diode reverse drain current
IDR
–2.2
A
Channel dissipation
Pch
Note2
0.8
W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. When using the glass epoxy board (FR-4: 40
 40  1 mm)
R07DS0477EJ0100
Rev.1.00
Jun 22, 2011


Similar Part No. - HITJ0302MP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0302MPTL-HQ RENESAS-HITJ0302MPTL-HQ Datasheet
102Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0302MP RENESAS-HITJ0302MP_13 Datasheet
102Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0302MP RENESAS-HITJ0302MP_15 Datasheet
102Kb / 7P
   ??0V, ??.2A, 173m?뾪ax Silicon P Channel MOS FET Power Switching
More results

Similar Description - HITJ0302MP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com